Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STOD2540 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STOD2540
Description  PMOLED display power supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD2540 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STOD2540 Datasheet HTML 8Page - STMicroelectronics STOD2540 Datasheet HTML 9Page - STMicroelectronics STOD2540 Datasheet HTML 10Page - STMicroelectronics STOD2540 Datasheet HTML 11Page - STMicroelectronics STOD2540 Datasheet HTML 12Page - STMicroelectronics STOD2540 Datasheet HTML 13Page - STMicroelectronics STOD2540 Datasheet HTML 14Page - STMicroelectronics STOD2540 Datasheet HTML 15Page - STMicroelectronics STOD2540 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Typical performance characteristics
STOD2540
12/20
Doc ID 12204 Rev 10
7
Typical performance characteristics
TJ = 40 °C to 85 °C, VI = 3.6 V, VEN = 3 V, CI = CO = 4.7 µF, L = 4.7 µH, R1 = 180 kΩ,
R2 = 10 kΩ, VO = 24 V, Typ. values @ 25 °C, unless otherwise specified.
Figure 5.
Efficiency vs. output current
Figure 6.
Efficiency vs. input voltage
Figure 7.
VEN vs. temperature
Figure 8.
VFB vs. input voltage
Figure 9.
VFB vs. output current
Figure 10.
VFB vs. output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com