Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS650-05 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS650-05
Description  HDTV Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-05 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS650-05 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-05 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-05 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-05 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICS650-05
HDTV Clock Synthesizer
MDS 650-05 A
3
Revision 081199
Printed 12/4/00
Integrated Circuit Systems • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • (408) 295-9818fax
PRELIMINARY
PRELIMINARY INFORMATION
INFORMATION
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3V or 5V unless noted)
DC CHARACTERISTICS (VDD = 3.3V or 5V unless noted)
DC CHARACTERISTICS (VDD = 3.3V or 5V unless noted)
Operating Voltage, VDD
3.0
5.5
V
Input High Voltage, VIH
FRS, OE
2
V
Input Low Voltage, VIL
FRS, OE
0.8
V
Output High Voltage, VOH
VDD=3.3V, IOH=-8mA
2.4
V
Output Low Voltage, VOL
VDD=3.3V, IOL=8mA
0.4
V
Output High Voltage, VOH, VDD = 3.3 or 5V
IOH=-8mA
VDD-0.4
V
Operating Supply Current, IDD, at 5V
No Load
26
mA
Operating Supply Current, IDD, at 3.3V
No Load
14
mA
Short Circuit Current, VDD = 3.3 V
Each output
±50
mA
Input Capacitance
Except X1
7
pF
AC CHARACTERISTICS (VDD = 3.3V or 5V unless noted)
AC CHARACTERISTICS (VDD = 3.3V or 5V unless noted)
Input Crystal or Clock Frequency
27
MHz
Output Clocks Accuracy (synthesis error)
All clocks
1
ppm
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
At VDD/2
40
50
60
%
One Sigma Jitter, ACLK
VDD= 3.3 V
100
ps
VDD= 5.0 V
40
ps
Absolute Clock Period Jitter
VDD= 3.3 V
±300
ps
VDD= 5.0 V
±200
ps
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
External Components
A minimum number of external components are required for proper operation. A decoupling capacitor of
0.01 µF should be connected between VDD and GND on pins 4 and 6, and 16 and 14, and a 33
Ω
terminating resistor may be used on each clock output if the trace is longer than 1 inch.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com