Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS650-05 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS650-05
Description  HDTV Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-05 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS650-05 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-05 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-05 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-05 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ICS650-05
HDTV Clock Synthesizer
MDS 650-05 A
1
Revision 081199
Printed 12/4/00
Integrated Circuit Systems • 525 Race Street • San Jose •CA•95126• (408) 295-9800tel • (408) 295-9818fax
PRELIMINARY
PRELIMINARY INFORMATION
INFORMATION
The ICS650-05 is a low cost, low jitter, high
performance clock synthesizer designed to
produce 74.175824 MHz and 74.250000 MHz as
necessary for HDTV applications. Using our
patented analog Phase-Locked Loop (PLL)
techniques, the device uses a 27.0 MHz clock or
fundamental crystal input to produce buffered,
fixed clocks and a selectable frame rate clock for
HDTV systems.
Block Diagram
Description
Features
• Packaged in 20 pin tiny SSOP (QSOP)
• Input Frequency of 27.0 MHz
• Zero ppm synthesis error in output clocks
• Provides fixed 13.5 MHz, dual 27.0 MHz, and
54.0 MHz output clocks with a selectable Frame
Rate Clock of 74.175824 MHz or
74.250000 MHz
• Ideal for HDTV applications
• 3.3 V or 5.0 V operating voltage
27.0 MHz
Input
Buffer/Crystal
Oscillator
Clock
Synthesis
and
Control
Circuit
Output
Buffer
Output
Buffers
Output
Buffer
27.0 MHz
Output
Buffer
Output
Buffers
FRS
27.0 MHz
FRCLK
54.0 MHz
13.5 MHz
OE (all outputs)


Similar Part No. - ICS650-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-01 ICST-ICS650-01 Datasheet
42Kb / 4P
System Peripheral Clock Source
Revision 092799
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
System Peripheral Clock Source
Revision 041499
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
Broadcom Clock Source
Revision 042600
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
More results

Similar Description - ICS650-05

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
HDTV Set-Top Clock Source
Revision 051600
MK2716 ICST-MK2716 Datasheet
57Kb / 4P
HDTV Clock Synthesizer
Revision 062599
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
Precision Clock Synthesizer
logo
List of Unclassifed Man...
ICS66203 ETC-ICS66203 Datasheet
105Kb / 6P
HDTV Audio/Video Clock Source
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS667-01 ICST-ICS667-01 Datasheet
130Kb / 5P
HDTV CLOCK SYNTHESIZER
Revision 031605
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
MK2716 RENESAS-MK2716 Datasheet
324Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
HDTV AUDIO/VIDEO CLOCK SOURCE
051310
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
HDTV CLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com