Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

80296SA Datasheet(PDF) 12 Page - Intel Corporation

Part # 80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80296SA Datasheet(HTML) 12 Page - Intel Corporation

Back Button 80296SA Datasheet HTML 8Page - Intel Corporation 80296SA Datasheet HTML 9Page - Intel Corporation 80296SA Datasheet HTML 10Page - Intel Corporation 80296SA Datasheet HTML 11Page - Intel Corporation 80296SA Datasheet HTML 12Page - Intel Corporation 80296SA Datasheet HTML 13Page - Intel Corporation 80296SA Datasheet HTML 14Page - Intel Corporation 80296SA Datasheet HTML 15Page - Intel Corporation 80296SA Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
8
PRELIMINARY
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
EXTINT3:0
I
External Interrupts
These programmable interrupts are controlled by the EXTINT_CON register. This
register controls whether the interrupt is edge-triggered or level-sensitive and
whether a rising edge/high level or falling edge/low level activates the interrupt.
In standby and powerdown modes, asserting the EXTINT
x signal causes the device
to resume normal operation. The interrupt does not need to be enabled, but the pin
must be configured as a special-function input. If the EXTINT
x interrupt is enabled,
the CPU executes the interrupt service routine. Otherwise, the CPU executes the
instruction that immediately follows the command that invoked the power-saving
mode.
In idle mode, asserting any enabled interrupt causes the device to resume normal
operation.
EXTINT0 shares a package pin with P2.2, EXTINT1 shares a package pin with
P2.4, EXTINT2 shares a package pin with P3.6, and EXTINT3 shares a package pin
with P3.7.
HLDA#
O
Bus Hold Acknowledge
This active-low output indicates that the CPU has released the bus as the result of
an external device asserting HOLD#. When the bus-hold protocol is enabled
(WSR.7 is set), the P2.6/HLDA# pin can function only as HLDA#, regardless of the
configuration selected through the port configuration registers (P2_MODE, P2_DIR,
and P2_REG). An attempt to change the pin configuration is ignored until the bus-
hold protocol is disabled (WSR.7 is cleared).
HLDA# shares a package pin with P2.6.
HOLD#
I
Bus Hold Request
An external device uses this active-low input signal to request control of the bus.
When the bus-hold protocol is enabled (WSR.7 is set), the P2.5/HOLD# pin can
function only as HOLD#, regardless of the configuration selected through the port
configuration registers (P2_MODE, P2_DIR, and P2_REG). An attempt to change
the pin configuration is ignored until the bus-hold protocol is disabled (WSR.7 is
cleared).
HOLD# shares a package pin with P2.5.
INST
O
Instruction Fetch
When high, INST indicates that an instruction is being fetched from external
memory. The signal remains high during the entire bus cycle of an external
instruction fetch. INST is low for data accesses, including interrupt vector fetches
and chip configuration byte reads. INST is low during internal memory fetches.
Table 4. Signal Descriptions (Continued)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com