Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

80296SA Datasheet(PDF) 18 Page - Intel Corporation

Part # 80296SA
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80296SA Datasheet(HTML) 18 Page - Intel Corporation

Back Button 80296SA Datasheet HTML 14Page - Intel Corporation 80296SA Datasheet HTML 15Page - Intel Corporation 80296SA Datasheet HTML 16Page - Intel Corporation 80296SA Datasheet HTML 17Page - Intel Corporation 80296SA Datasheet HTML 18Page - Intel Corporation 80296SA Datasheet HTML 19Page - Intel Corporation 80296SA Datasheet HTML 20Page - Intel Corporation 80296SA Datasheet HTML 21Page - Intel Corporation 80296SA Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
14
PRELIMINARY
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
6.0
ELECTRICAL CHARACTERISTICS
6.1
DC Characteristics
ABSOLUTE MAXIMUM RATINGS*
Storage Temperature ................................... –60°C to +150°C
Supply Voltage with Respect to V
SS............... –0.5 V to +7.0 V
Power Dissipation ........................................................... 1.5 W
OPERATING CONDITIONS*
T
A (Ambient Temperature Under Bias) ................ 0°C to +70°C
V
CC (Digital Supply Voltage)
............................. 4.5 V to 5.5 V
F
XTAL
1 (Input frequency for VCC = 4.5 V – 5.5 V)
(Note 1, 2, 3)........................................ 16 MHz to 50 MHz
NOTES:
1.
This device is static and should operate below
1 Hz, but has been tested only down to 16 MHz.
2.
When the phase-locked loop (PLL) circuitry is
enabled, the minimum input frequency on XTAL1
is 8 MHz. The PLL cannot be run at frequencies
lower than 16 MHz.
3.
Assumes an external clock. The maximum fre-
quency for an external crystal oscillator is 25
MHz.
NOTICE: This datasheet contains information on
new products in production. The specifications are
subject to change without notice. Verify with your
local Intel sales office that you have the latest
datasheet before finalizing a design.
*WARNING: Stressing the device beyond the
“Absolute Maximum Ratings” may cause
permanent damage. These are stress ratings only.
Operation beyond the “Operating Conditions” is not
recommended and extended exposure beyond the
“Operating Conditions” may affect device reliability.
Table 6. DC Characteristics Over Specified Operating Conditions
Symbol
Parameter
Min
Typical
(Note 1)
Max
Units
Test
Conditions
I
CC
V
CC Supply Current
90
150
mA
XTAL1 = 50 MHz
V
CC = 5.5 V
Device in Reset
I
IDLE
Idle Mode Current
45
60
mA
XTAL1 = 50 MHz
V
CC = 5.5 V
NOTES:
1.
Typical values are based on a limited number of samples and are not guaranteed. The values listed
are at room temperature with V
CC = 5.0 V.
2.
For temperatures below 100°C, typical is 10 µA.
3.
For all pins except P4.3:0, which have higher drive capability (see V
OL1).
4.
During normal (non-transient) conditions, the following maximum current limits apply for pin groups
and individual pins:
Group
I
OL (mA)
I
OH (mA)
Individual
I
OL (mA)
I
OH (mA)
P1.7:3, P4
40
40
P1, P2, P3
10
10
P2
40
40
P4
18
10
P1.2:0, P3
40
40
5.
For all pins that were weakly pulled high during reset. This excludes ALE, INST, and NMI, which were
weakly pulled low (see V
OL2) and ONCE, which was pulled medium low (see VOL3).
6.
Pin capacitance is not tested. This value is based on design simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com