Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STG3856 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG3856
Description  Low voltage 1.0 max dual SP3T switch with break-before-make feature
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3856 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG3856 Datasheet HTML 4Page - STMicroelectronics STG3856 Datasheet HTML 5Page - STMicroelectronics STG3856 Datasheet HTML 6Page - STMicroelectronics STG3856 Datasheet HTML 7Page - STMicroelectronics STG3856 Datasheet HTML 8Page - STMicroelectronics STG3856 Datasheet HTML 9Page - STMicroelectronics STG3856 Datasheet HTML 10Page - STMicroelectronics STG3856 Datasheet HTML 11Page - STMicroelectronics STG3856 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Electrical characteristics
STG3856
8/15
Doc ID 11932 Rev 3
3.3
Analog switch
Table 8.
Analog switch characteristics (CL =5pF, RL =50 Ω, TA =25°C)
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C -55 to 125°C
Min
Typ
Max
Min
Max
Min
Max
OIRR
Off Isolation (1)
1.
OFF Isolation = 20 Log10 (VD/VS), VD = output, VS = input at off switch
1.65 - 4.3
VS =1VRMS
f=100kHz
–-82
–
–
–
–
–
dB
Xtalk
Crosstalk
1.6 - 4.3
VS = 1 VRMS
f=100kHz
–-84
–
–
–
–
–
dB
THD
Total harmonic
distortion
2.3 - 4.3
RL =600 Ω
VIN =2VPP
f = 20 Hz to 20 kHz
–0.03
–
–
–
–
–
%
BW
-3dB bandwidth 1.65 - 4.3
RL =50 Ω
–
100
–
–
–
–
–
MHz
CIN
Control pin
input
capacitance
–5
–
–
–
–
–
pF
CSn(OFF)
Sn port OFF
capacitance
3.3
f = 1 MHz
–
–
–
–
–
–
–
CSn(ON)
Sn port ON
capacitance
3.3
f = 1 MHz
–
–
–
–
–
–
–
CD
D port
capacitance
when switch is
enabled
3.3
f = 1 MHz
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com