Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STG3856 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STG3856
Description  Low voltage 1.0 max dual SP3T switch with break-before-make feature
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3856 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STG3856 Datasheet HTML 6Page - STMicroelectronics STG3856 Datasheet HTML 7Page - STMicroelectronics STG3856 Datasheet HTML 8Page - STMicroelectronics STG3856 Datasheet HTML 9Page - STMicroelectronics STG3856 Datasheet HTML 10Page - STMicroelectronics STG3856 Datasheet HTML 11Page - STMicroelectronics STG3856 Datasheet HTML 12Page - STMicroelectronics STG3856 Datasheet HTML 13Page - STMicroelectronics STG3856 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package mechanical data
STG3856
10/15
Doc ID 11932 Rev 3
Table 9.
FN12L (2.2 x 1.4 mm) mechanical data
Figure 5.
Footprint recommendation
Symbol
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.50
0.55
0.60
0.019
0.021
0.023
A1
0
0.02
0.05
0
0.001
0.002
b
0.15
0.20
0.25
0.006
0.007
0.010
D
1.30
1.40
1.50
0.051
0.055
0.059
E
2.10
2.20
2.30
0.082
0.086
0.090
e
0.40
0.015
L
0.35
0.40
0.45
0.013
0.015
0.017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com