Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8351ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8351ACPZ-R7
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8351ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AD8351
Data Sheet
Rev. D | Page 6 of 19
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 2. 10-Lead MSOP Pin Configuration
Figure 3. 16-Lead LFCSP Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
10-Lead MSOP
16-Lead LFCSP
1
16
PWUP
Apply a positive voltage (1.3 V ≤ VPWUP ≤ VPOS) to activate device.
2
1
RGP1
Gain Resistor Input 1.
3
2
INHI
Balanced Differential Input. Biased to midsupply, typically ac-coupled.
4
3
INLO
Balanced Differential Input. Biased to midsupply, typically ac-coupled.
5
4
RGP2
Gain Resistor Input 2.
6
9
COMM
Device Common. Connect to low impedance ground.
7
10
OPLO
Balanced Differential Output. Biased to VOCM, typically ac-coupled.
8
11
OPHI
Balanced Differential Output. Biased to VOCM, typically ac-coupled.
9
12
VPOS
Positive Supply Voltage. 3 V to 5.5 V.
10
13
VOCM
Voltage applied to this pin sets the common-mode voltage at both the input and
output. Typically decoupled to ground with a 0.1 μF capacitor.
5, 6, 7, 8, 14, 15
NC
No connect. Do not connect to this pin.
EPAD
Exposed Pad. The exposed pad is internally connected to GND and must be soldered
to a low impedance ground plane.
PWUP 1
RGP1 2
INHI 3
INLO 4
RGP2 5
VOCM
10
VPOS
9
OPHI
8
OPLO
7
COMM
6
AD8351
TOP VIEW
(Not to Scale)
12
11
10
1
3
4
9
2
RGP1
INHI
INLO
RGP2
VPOS
OPHI
OPLO
COMM
AD8351
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EXPOSED PAD IS INTERNALLY CONNECTED TO
GND AND MUST BE SOLDERED TO A LOW
IMPEDANCE GROUND PLANE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com