Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8351ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8351ACPZ-R7
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8351ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AD8351
Data Sheet
Rev. D | Page 14 of 19
Figure 40. ADC Driving Application Using Differential Input
The circuit of Figure 41 represents a single-ended input to
differential output configuration of the AD8351 driving the
AD6645. In this case, R1 provides the input impedance. RG is
the gain setting resistor. The resistor RF is required to balance
the output voltages required for second-order cancellation by
the AD6645 and can be selected using a chart (see the Single-
Ended-to-Differential Operation section). The circuit depicted
in Figure 41 can provide SFDR performance of better than −90 dBc
with a 10 MHz input and −77 dBc with a 70 MHz input.
Figure 41. ADC Driving Application Using Single-Ended Input
ANALOG MULTIPLEXING
The AD8351 can be used as an analog multiplexer in applications
where it is desirable to select multiple high speed signals. The
isolation of each device when in a disabled state (PWUP pin
pulled low) is about 60 dBc for the maximum input level of
0.5 V p-p out to 100 MHz. The low output noise spectral density
allows for a simple implementation as depicted in Figure 42.
The PWUP interface can be easily driven using most standard
logic interfaces. By using an N-bit digital interface, up to N devices
can be controlled. Output loading effects and noise need to be
considered when using a large number of input signal paths. Each
disabled AD8351 presents approximately a 700 Ω load in parallel
with the 150 Ω output source impedance of the enabled device.
As the load increases due to the addition of N devices, the
distortion performance will degrade due to the heavier loading.
Distortion better than −70 dBc can be achieved with four devices
muxed into a 1 kΩ load for signal frequencies up to 70 MHz.
Figure 42. Using Several AD8351s to Form an N-Channel Analog MUX
I/O CAPACITIVE LOADING
Input or output direct capacitive loading greater than a few
picofarads can result in excessive peaking and/or oscillation
outside the pass band. This results from the package and bond
wire inductance resonating in parallel with the input/output
capacitance of the device and the associated coupling that results
internally through the ground inductance. For low resistive load
or source resistance, the effective Q is lower, and higher relative
capacitance termination or terminations can be allowed before
oscillation or excessive peaking occurs. These effects can be
eliminated by adding series input resistors (RIP) for high source
capacitance, or series output resistors (ROP) for high load
capacitance. Generally less than 25 Ω is all that is required for I/O
capacitive loading greater than ~2 pF. The higher the C, the smaller
the R parasitic suppression resistor required. In addition, RIP helps
to reduce low gain in-band peaking, especially for light resistive
loads.
Figure 43. Input and Output Parasitic Suppression Resistors, RIP and ROP,
Used to Suppress Capacitive Loading Effects
BALANCE
50Ω
SOURCE
25Ω
25Ω
25Ω
25Ω
100nF
100nF
AD8351
INHI
INLO
RG
OPHI
OPLO
VOCM
DIGITAL
OUT
AD6645
AIN
AIN VREF
SINGLE-
ENDED
50Ω
SOURCE
25Ω
R1
25Ω
25Ω
25Ω
100nF
100nF
AD8351
INHI
INLO
RG
OPHI
OPLO
100nF
VOCM
DIGITAL
OUT
AD6645
AIN
AIN VREF
RF
AD8351
INHI
RG
RG
RG
RGP1
RGP2
INLO
SIGNAL
INPUT 1
SIGNAL
INPUT 2
SIGNAL
INPUT N
OPLO
OPHI
BIT 1
PWUP
AD8351
INHI
RGP1
RGP2
INLO
OPLO
OPHI
BIT 2
PWUP
AD8351
INHI
RGP1
RGP2
INLO
OPLO
OPHI
BIT N
PWUP
MUX
OUTPUT
LOAD
N-BIT
DIGITAL
INTERFACE
AD8351
RL
1kΩ
RIP
RIP
RG
ROP
ROP
CSTRAY
CSTRAY
CL
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com