Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7762 Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7762
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762 Datasheet(HTML) 5 Page - Analog Devices

  ADE7762_15 Datasheet HTML 1Page - Analog Devices ADE7762_15 Datasheet HTML 2Page - Analog Devices ADE7762_15 Datasheet HTML 3Page - Analog Devices ADE7762_15 Datasheet HTML 4Page - Analog Devices ADE7762_15 Datasheet HTML 5Page - Analog Devices ADE7762_15 Datasheet HTML 6Page - Analog Devices ADE7762_15 Datasheet HTML 7Page - Analog Devices ADE7762_15 Datasheet HTML 8Page - Analog Devices ADE7762_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADE7762
Rev. 0 | Page 5 of 28
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
For specified performance
VDD
5 V ± 5%
4.75
5.25
V
IDD
8.5
10
mA
1 See the Terminology section for explanation of specifications.
2 See the plots in the Typical Performance Characteristics section.
3 Sample tested during initial release and after any redesign or process changes that might affect this parameter.
TIMING CHARACTERISTICS
VDD = 5 V ± 5%, AGND = DGND = 0 V, on-chip reference, CLKIN = 10 MHz, TMIN to TMAX = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter1,2
Conditions
Value
Unit
t1 3
F1 and F2 pulse width (logic high)
120
ms
t2
Output pulse period (see the Transfer Function section)
See Figure 2
sec
t3
Time between F1 rising edge and F2 rising edge
½ t2
sec
t43, 4
CF pulse width (logic high)
90
ms
t55
CF pulse period (see the Transfer Function section)
See Table 7
sec
t6
Minimum time between F1 and F2 pulse
4/CLKIN
sec
t7
LED_CTRL pulse width
28.8
μs
t8
LED_CTRL period
57.5
μs
t9
LED pulse width
7.2
μs
1 Sample tested during initial release and after any redesign or process changes that might affect this parameter.
2 See Figure 2.
3 The pulse widths of F1, F2, and CF are not fixed for higher output frequencies (see the Frequency Outputs section).
4 CF is not synchronous to F1 or F2 frequency outputs.
5 The CF pulse is always 1 μs in the high frequency mode (see the Frequency Outputs section).
F1
F2
CF
t1
t6
t2
t3
t4
t5
Figure 2. Timing Diagram for Frequency Outputs
t9
t8
t7
Figure 3. Timing Diagram for LED Drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com