Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7762 Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7762
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7762_15 Datasheet HTML 5Page - Analog Devices ADE7762_15 Datasheet HTML 6Page - Analog Devices ADE7762_15 Datasheet HTML 7Page - Analog Devices ADE7762_15 Datasheet HTML 8Page - Analog Devices ADE7762_15 Datasheet HTML 9Page - Analog Devices ADE7762_15 Datasheet HTML 10Page - Analog Devices ADE7762_15 Datasheet HTML 11Page - Analog Devices ADE7762_15 Datasheet HTML 12Page - Analog Devices ADE7762_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ADE7762
Rev. 0 | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0.1
1
10
100
CURRENT CHANNEL (% of Full Scale)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
PHASE B
PHASE A + B + C
PHASE C
PHASE A
Figure 5. Error As a Percent of Reading
with Internal Reference (Wye Connection)
0.1
1
10
100
CURRENT CHANNEL (% of Full Scale)
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
+25°C, POWER FACTOR = 0.5
+85°C, POWER FACTOR = 0.5
+25°C, POWER FACTOR = 1
–40°C, POWER FACTOR = 0.5
Figure 6. Error As a Percent of Reading over Power Factor
with Internal Reference (Wye Connection)
0.1
1
10
100
CURRENT CHANNEL (% of Full Scale)
–1.0
–0.8
–0.5
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
+85°C, POWER FACTOR = 1
+25°C, POWER FACTOR = 1
–40°C, POWER FACTOR = 1
Figure 7. Error As a Percent of Reading over Temperature
with Internal Reference (Wye Connection)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
CURRENT CHANNEL (% of Full Scale)
+85°C, POWER FACTOR = 1
+25°C, POWER FACTOR = 1
–40°C, POWER FACTOR = 1
Figure 8. Error As a Percent of Reading over Temperature
with External Reference (Wye Connection)
–1.5
–1.0
–0.5
0
0.5
1.0
45
50
55
60
65
LINE FREQUENCY (Hz)
POWER FACTOR = 0.5
POWER FACTOR = 1
Figure 9. Error As a Percent of Reading over Frequency
with an Internal Reference (Wye Connection)
0.1
1
10
100
CURRENT CHANNEL (% of Full Scale)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
5.25V
4.75V
5V
Figure 10. Error As a Percent of Reading over Power Supply
with Internal Reference (Wye Connection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com