Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPC667 Datasheet(PDF) 4 Page - NEC

Part # UPC667
Description  10-BIT D/A CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC667 Datasheet(HTML) 4 Page - NEC

  UPC667 Datasheet HTML 1Page - NEC UPC667 Datasheet HTML 2Page - NEC UPC667 Datasheet HTML 3Page - NEC UPC667 Datasheet HTML 4Page - NEC UPC667 Datasheet HTML 5Page - NEC UPC667 Datasheet HTML 6Page - NEC UPC667 Datasheet HTML 7Page - NEC UPC667 Datasheet HTML 8Page - NEC UPC667 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
µPC667
4
PIN FUNCTIONS
Pin Name
Pin No.
Input/
Function
Equivalent Circuit
Output
D1 to D10
1 to 10
Input
Digital signal
D1 is MSB, D10 is LSB.
CLK
12
Input
Clock
The rising edge of signal input to
this pin triggers analog output.
DVCC
30
—
Power supply for digital circuit
DGND
11, 14, 22
—
Ground for digital circuit
VRSET
20
—
Reference voltage adjustment
Voltage adjusting pin for the
incorporated reference voltage
generating circuit. The output
voltage of VROUT pin varies according
to the voltage applied to this pin.
When no adjustment is necessary,
connect approx. 0.1
µF capacitance
between this pin and GND pin.
VROUT
21
Output
Reference voltage output
Voltage output pin of the incorpo-
rated reference voltage generating
circuit. This pin has high output
impedance, and must be connected
with a high impedance element.
DVCC
500
Ω
DGND
DGND
DVCC
DVCC
500
Ω
DGND
DGND
DVCC
DVCC
DGND
AVCC
VROUT
AGND
2 k
Ω
AVCC
7.5 k
Ω
3 k
Ω
VRSET
AGND
Reference
voltage
generator
AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com