Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPC667 Datasheet(PDF) 5 Page - NEC

Part # UPC667
Description  10-BIT D/A CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC667 Datasheet(HTML) 5 Page - NEC

  UPC667 Datasheet HTML 1Page - NEC UPC667 Datasheet HTML 2Page - NEC UPC667 Datasheet HTML 3Page - NEC UPC667 Datasheet HTML 4Page - NEC UPC667 Datasheet HTML 5Page - NEC UPC667 Datasheet HTML 6Page - NEC UPC667 Datasheet HTML 7Page - NEC UPC667 Datasheet HTML 8Page - NEC UPC667 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
µPC667
5
Pin Name
Pin No.
Input/
Function
Equivalent Circuit
Output
AGND
AGND
AVCC
AVCC
AVCC
9.7 k
Ω
9.7 k
Ω
COMP
AVCC
VREF
25
Input
Reference voltage
The output full-scale range is set
according to the voltage applied to
this pin. Apply standard 4.0 V.
When no adjustment is necessary,
connect the output from VROUT pin
directly to this pin.
AOUT
26
Output
Analog signal
Analog signal output pin.
COMP
27
—
Phase compensation
Phase compensating capacitor
connection pin for full-scale ampli-
fier. Approx. 0.1
µF capacitor must
be connected between this pin and
AVCC pin.
AVCC
24, 28
—
Power supply for analog circuit
AGND
23, 29
—
Ground for analog circuit
NC
13, 15 to 19
—
No Connection
AGND
AGND
AGND
AGND
AVCC
112.5
Ω
112.5
Ω
225
Ω
112.5
Ω
R-2R
Ladder
resistance
AVCC
AGND
AGND
5 k
Ω
20 A
µ
AVCC
AGND
AVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com