Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRFP460LC Datasheet(PDF) 5 Page - International Rectifier

Part # IRFP460LC
Description  Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP460LC Datasheet(HTML) 5 Page - International Rectifier

  IRFP460LC Datasheet HTML 1Page - International Rectifier IRFP460LC Datasheet HTML 2Page - International Rectifier IRFP460LC Datasheet HTML 3Page - International Rectifier IRFP460LC Datasheet HTML 4Page - International Rectifier IRFP460LC Datasheet HTML 5Page - International Rectifier IRFP460LC Datasheet HTML 6Page - International Rectifier IRFP460LC Datasheet HTML 7Page - International Rectifier IRFP460LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFP460LC
Fig 10a. Switching Time Test Circuit
VDS
10 V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10b. Switching Time Waveforms
RD
VGS
VDD
RG
D.U.T.
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
0
4
8
1 2
1 6
2 0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
T , Case Temperature (°C)
C
0 .0 0 1
0 .0 1
0 .1
1
0 .0 0 0 0 1
0 .0 0 0 1
0 .0 0 1
0 .0 1
0 .1
1
1 0
t , R ectangular P ulse D uration (sec )
1
D = 0 .5 0
0 .0 1
0 .0 2
0 .0 5
0 .1 0
0 .2 0
S IN G L E P UL S E
(T H E R M A L R E S P O N S E )
P
t
2
1
t
DM
N o te s :
1 . D u ty fa c to r D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
D M
th J C
C
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com