Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRFP460LC Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP460LC
Description  Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP460LC Datasheet(HTML) 1 Page - International Rectifier

  IRFP460LC Datasheet HTML 1Page - International Rectifier IRFP460LC Datasheet HTML 2Page - International Rectifier IRFP460LC Datasheet HTML 3Page - International Rectifier IRFP460LC Datasheet HTML 4Page - International Rectifier IRFP460LC Datasheet HTML 5Page - International Rectifier IRFP460LC Datasheet HTML 6Page - International Rectifier IRFP460LC Datasheet HTML 7Page - International Rectifier IRFP460LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFP460LC
HEXFET® Power MOSFET
PD - 9.1232
Revision 0
VDSS = 500V
RDS(on) = 0.27
ID = 20A
Ultra Low Gate Charge
Reduced Gate Drive Requirement
Enhanced 30V Vgs Rating
Reduced Ciss, Coss, Crss
Isolated Central Mounting Hole
Dynamic dv/dt Rated
Repetitive Avalanche Rated
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, V GS @ 10V
20
ID @ TC = 100°C
Continuous Drain Current, V GS @ 10V
12
A
IDM
Pulsed Drain Current
80
PD @TC = 25°C
Power Dissipation
280
W
Linear Derating Factor
2.2
W/°C
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
960
mJ
IAR
Avalanche Current
20
A
EAR
Repetitive Avalanche Energy
28
mJ
dv/dt
Peak Diode Recovery dv/dt
3.5
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
0.45
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.24
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
40
Thermal Resistance
Description
This new series of Low Charge HEXFET Power MOSFETs achieve significantly
lower gate charge over conventional MOSFETs.
Utilizing advanced Hexfet
technology the device improvements allow for reduced gate drive requirements,
faster switching speeds and increased total system savings.
These device
improvements combined with the proven ruggedness and reliability of HEXFETs
offer the designer a new standard in power transistors for switching applications.
The TO-247 package is preferred for commercial-industrial applications where
higher power levels preclude the use of TO-220 devices. The TO-247 is similar
but superior to the earlier TO-218 package because of its isolated mounting hole.
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFP460LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP460LC VISHAY-IRFP460LC Datasheet
1Mb / 8P
Power MOSFET
28-Jul-08
logo
Inchange Semiconductor ...
IRFP460LC ISC-IRFP460LC Datasheet
171Kb / 2P
isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP460LC VISHAY-IRFP460LC Datasheet
1Mb / 9P
Power MOSFET
28-Jul-08
IRFP460LC VISHAY-IRFP460LC Datasheet
383Kb / 11P
Power MOSFET
31-Jan-2022
logo
International Rectifier
IRFP460LCPBF IRF-IRFP460LCPBF Datasheet
181Kb / 8P
HEXFET Power MOSFET
More results

Similar Description - IRFP460LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF460 IRF-IRF460 Datasheet
140Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21)
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRFD120 IRF-IRFD120 Datasheet
176Kb / 6P
Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A)
IRFI460 IRF-IRFI460 Datasheet
211Kb / 8P
TRANSISTOR N-CHANNEL(Vdss=500V, Rds(on)=0.27ohm, Id=21A)
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460N IRF-IRFP460N Datasheet
94Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)max=0.24ohm, Id=20A)
IRFP460P IRF-IRFP460P Datasheet
174Kb / 8P
Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460APBF IRF-IRFP460APBF Datasheet
195Kb / 9P
SMPS MOSFET ( VDSS=500V , RDS(on)max=0.27廓 , ID=20A )
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com