Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRFY340CM Datasheet(PDF) 6 Page - International Rectifier

Part # IRFY340CM
Description  POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=0.55ohm, Id=8.7A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFY340CM Datasheet(HTML) 6 Page - International Rectifier

  IRFY340CM Datasheet HTML 1Page - International Rectifier IRFY340CM Datasheet HTML 2Page - International Rectifier IRFY340CM Datasheet HTML 3Page - International Rectifier IRFY340CM Datasheet HTML 4Page - International Rectifier IRFY340CM Datasheet HTML 5Page - International Rectifier IRFY340CM Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Fig. 13b — Basic Gate Charge Waveform
Case Outline and Dimensions — TO-257AA
NOTES:
1. Dimensioning and tolerancing per ANSI Y14.5M-1982
2. Controlling dimension: Inch
3. Dimensions are shown in millimeters (Inches)
4. Outline conforms to JEDEC outline TO-257AA
Pin 1 - Drain
Pin 2 - Source
Pin 3 - Gate
1
2
3
TO-257AA
NON-STANDARD PIN CONFIGURATION
Pin 1 - Gate
Pin 2 - Drain
Pin 3 - Source
Order Part Type IRFY340C
CAUTION
BERYLLIA WARNING PER MIL-PRF-19500
Packages containing beryllia shall not be ground, sandblasted,
machined or have other operations performed on them which
will produce beryllia or beryllium dust. Furthermore, beryllium
oxide packages shall not be placed in acids that will produce
fumes containing beryllium.
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
EUROPEAN HEADQUARTERS: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44(0) 1883 732020
IR CANADA: 7321 Victoria Park Ave., Suite 201, Markham, Ontario L3R 2Z8, Tel: (905) 475 1897
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 3-30-4 Nishi-Ikeburo 3-Chome, Toshima-Ki, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 315 Outram Road, #10-02 Tan Boon Liat Building, Singapore 0316 Tel: 65 221 8371
http://www.irf.com/
Data and specifications subject to change without notice.
6/96
IRFY340CM Device
 Repetitive Rating; Pulse width limited by maximum
junction temperature (see figure 11).
‚ @ VDD = 50V, Starting TJ = 25°C,
EAS = [0.5 * L * ( ) * [BVDSS/(BVDSS-VDD)]
Peak IL = 8.7A, VGS = 10V, 25 ≤ RG ≤ 200Ω (figure 12)
ƒ ISD ≤ 8.7A, di/dt ≤ 120A/µs, VDD ≤ BVDSS, TJ ≤ 150°C
„ Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
… K/W = °C/W
W/K = W/°C
Notes:
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com