Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B140002 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B140002
Description  2-Port DVI over Cat5/Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B140002 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B140002 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B140002 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B140002 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2-Port DVI over Cat5/Cat6 Extender Splitter, Video
Transmitter, 1920x1080 at 60Hz
MODEL NUMBER: B140-002
Description
The B140-002 transmits a DVI-D Single-Link signal to two monitors up to 200 ft. away using a single Cat5e/6
patch cable. To achieve maximum distance and resolution, use 24Awg Solid Wire Cat5e/6 cable (Tripp Lite's
N202-Series). The B140-002 is compatible with all operating systems, and is plug and play, with no software or
drivers required. It also comes with mounting hardware that allows it to be wallmounted, rackmounted, or
pole-mounted. Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases.
Installation is simple. Connect the B140-002 transmitter to a DVI source using a Tripp Lite P561-Series DVI
cable (not included). Connect a Tripp Lite B140-series receiver (not included) to each display using a Tripp Lite
P561-Series DVI cable (not included). Finally, each remote receiver is connected to an RJ45 port on the
B140-002 using a single Cat5e/6 cable.
For longer extension distances, use a B140-1A0 or B140-1A0-WP active receiver unit to extend a 1920 x 1080 @
60Hz signal up to 150 ft., or a 1024 x 768 @ 60Hz signal up to 200 ft..
For shorter extension distances, use a B140-1P0 or B140-1P0-WP passive receiver unit to extend a 1920 x 1080
@ 60Hz signal up to 50 ft., or a 1024 x 768 @ 60Hz signal up to 100 ft..
Further expand the range and number of monitors by using a B140-110 repeater unit. Add up to four remote
units (three repeaters and one active receiver) to each channel of the B140-002, for a total of 4 displays per
channel. (An active receiver should be the last unit in a channel) A 1920 x 1080 @ 60Hz signal can be extended
up to 125 ft. from each repeater to the next unit in the channel, or a 1024 x 768 @ 60Hz signal can be extended
up to 175 ft.
Features
Transmit a DVI-D Single-Link signal to two monitors up to 200 ft. away using a single Cat5e/6 patch cable
Supports DVI-D Single-Link video resolutions up to 1920 x 1080 @ 60Hz
Highlights
Supports DVI-D Single-Link video
resolutions up to 1920 x 1080 @
60Hz
For longer distances - Use a
B140-1A0 or B140-1A0-WP
active receiver unit to extend a
1920 x 1080 @ 60Hz signal up to
150 ft., or a 1024 x 768 @ 60Hz
signal up to 200 ft.
For shorter distances - Use a
B140-1P0 or B140-1P0-WP-1
passive receiver unit to extend a
1920 x 1080 @ 60Hz signal up to
50 ft., or a 1024 x 768 @ 60Hz
signal up to 100 ft.
Use 24AWG, Solid Wire Cat5e/6
cable, such as Tripp Lite's
N202-Series, to achieve
maximum distance and resolution
Can further expand the range
and number of monitors by
adding B140-110 repeaters
Compatible with all operating
systems
Plug and play, no software or
drivers required
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Package Includes
B140-002 DVI Over Cat5
Extender/Splitter, 2-Port Local
Transmitter Unit
Mounting hardware
External power supply (Input:
100-240V, 50/60Hz, 0.5A Output:
5V, 2A)
Owner's Manual
1 / 3


Similar Part No. - B140002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B140002DD TRIPPLITE-B140002DD Datasheet
499Kb / 2P
2-Port Dual Display DVI over Cat5-Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
More results

Similar Description - B140002

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B1401A0 TRIPPLITE-B1401A0 Datasheet
507Kb / 2P
DVI over Cat5-Cat6 Active Extender, Box-Style Remote Video Receiver, 1920x1080 at 60Hz
B1401A0WP TRIPPLITE-B1401A0WP Datasheet
494Kb / 2P
DVI over Cat5-Cat6 Active Extender, Wallplate Remote Video Receiver, 1920x1080 at 60Hz
B1401A1WP TRIPPLITE-B1401A1WP Datasheet
495Kb / 2P
DVI over Cat5-Cat6 Active Extender Kit, Wallplate Transmitter and Receiver, 1920x1080 at 60Hz
B1401P0 TRIPPLITE-B1401P0 Datasheet
479Kb / 2P
DVI over Cat5-Cat6 Passive Extender, Video Receiver, 1920x1080 at 60Hz
B1401P0WP1 TRIPPLITE-B1401P0WP1 Datasheet
491Kb / 2P
DVI over Cat5-Cat6 Passive Extender, Wallplate Video Receiver, 1920x1080 at 60Hz
B140002DD TRIPPLITE-B140002DD Datasheet
499Kb / 2P
2-Port Dual Display DVI over Cat5-Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
B140004 TRIPPLITE-B140004 Datasheet
504Kb / 3P
4-Port DVI over Cat5-Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
B140101 TRIPPLITE-B140101 Datasheet
478Kb / 2P
DVI over Cat5-Cat6 Passive Extender Kit, Box-Style Video Transmitter and Receiver, 1920x1080 at 60Hz
B140101X TRIPPLITE-B140101X Datasheet
513Kb / 2P
DVI over Cat5-Cat6 Active Extender Kit, Box-Style Video Transmitter and Receiver, 1920x1080 at 60Hz
B140110 TRIPPLITE-B140110 Datasheet
507Kb / 2P
DVI over Cat5-Cat6 Extender, Box-Style Repeater, 1920x1080 at 60Hz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com