Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B140002 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B140002
Description  2-Port DVI over Cat5/Cat6 Extender Splitter, Video Transmitter, 1920x1080 at 60Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B140002 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B140002 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B140002 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B140002 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Supports DVI-D Single-Link video resolutions up to 1920 x 1080 @ 60Hz
For longer distances - Use a B140-1A0 or B140-1A0-WP active receiver unit to extend a 1920 x 1080 @ 60Hz signal up to 150 ft., or a 1024 x 768 @
60Hz signal up to 200 ft.
For shorter distances - Use a B140-1P0 or B140-1P0-WP-1 passive receiver unit to extend a 1920 x 1080 @ 60Hz signal up to 50 ft., or a 1024 x 768
@ 60Hz signal up to 100 ft.
Use 24AWG, Solid Wire Cat5e/6 cable, such as Tripp Lite's N202-Series, to achieve maximum distance and resolution
Further expand the range and number of monitors by using a B140-110 repeater unit
Add up to four remote units (three repeaters and one active receiver) to each channel of the B140-002, for a total of 4 displays per channel. (An active
receiver should be the last unit in a channel)
A 1920 x 1080 @ 60Hz signal can be extended up to 125 ft. from each repeater to the next unit in the channel, or a 1024 x 768 @ 60Hz signal can be
extended up to 175 ft.
HDCP compatible
Compatible with all operating systems
Plug and play; no software or drivers required
Mounting hardware included
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Splitter
Model Type
DVI
Cable Types
CAT5/CAT5E
PHYSICAL
Unit Dimensions (hwd / in.)
1 x 2.5 x 3.6
Unit Dimensions (hwd / cm)
2.54 x 6.35 x 9.14
Included Mounting Accessories
Yes
Color
Black
CONNECTIONS
Connector A
RJ45 (FEMALE) (X2)
Connector B
DVI-I (FEMALE)
WARRANTY
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com