Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2229 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2229
Description  Purpose of the Application Note is to detail the startup behaviour
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2229 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2229 Datasheet HTML 1Page - STMicroelectronics AN2229 Datasheet HTML 2Page - STMicroelectronics AN2229 Datasheet HTML 3Page - STMicroelectronics AN2229 Datasheet HTML 4Page - STMicroelectronics AN2229 Datasheet HTML 5Page - STMicroelectronics AN2229 Datasheet HTML 6Page - STMicroelectronics AN2229 Datasheet HTML 7Page - STMicroelectronics AN2229 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN2229
1 Explanation of 2 possible Startup Behaviors
3/8
1
Explanation of 2 possible Startup Behaviors
Starting condition: the device is disconnected from the battery.
After switching on VS, as long as the voltage over CBoot is below 3.5V, the device can have 2
startup states:
a)
Gate of high side driver is internally switched to ground (Fig. 1).
b)
Gate of high side driver is internally switched to CBx (Fig. 2).
If the voltage (CBoot) exceeds 3.5V the device switches always like shown in figure 1
After the first VS ramp up the outputs will enter one of the explained states.
If the device enters state 2 and the threshold of the external MOSFET is below 3.5V, the Sx pin will raise
and the charging of the bootstrap capacitor will be stopped. This state will persist until the L9903/04 will
be enabled by the EN pin. The only consequence of entering state 2 is an increased leakage current.
There is no influence on the standard application suggested inside datasheet. There is no influence on
operating condition (EN=HIGH). If the application requires a startup behavior like in figure 1, an
initialization is needed (see sections 3 and 4).
Figure 1.
Startup behavior internal switched
to ground (state 1)
Figure 2.
Startup behavior internal switch to
CBx (state 2.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com