Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2229 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2229
Description  Purpose of the Application Note is to detail the startup behaviour
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2229 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2229 Datasheet HTML 1Page - STMicroelectronics AN2229 Datasheet HTML 2Page - STMicroelectronics AN2229 Datasheet HTML 3Page - STMicroelectronics AN2229 Datasheet HTML 4Page - STMicroelectronics AN2229 Datasheet HTML 5Page - STMicroelectronics AN2229 Datasheet HTML 6Page - STMicroelectronics AN2229 Datasheet HTML 7Page - STMicroelectronics AN2229 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2 Application example using standby voltage monitoring
AN2229
4/8
2
Application example using standby voltage
monitoring
Figure 3.
DC motor driving with additional diagnostic (RD1, RD2, RD3)
Some applications may use external circuitry, for instance for advanced diagnosis in standby
mode. In figure 3 for example, an additional external resistive network is implemented, to
measure a potential short circuit or open load condition.
A short circuit or an open load condition can be detected by the ADC of a microcontroller, by
monitoring voltage levels of the resistive network.
If L9903/04 is not initialized correctly upon first VS ramp up, the described state 2 could be
entered. The voltage levels of the external circuitry could be influenced, eventually leading to a
temporary wrong diagnosis.
Hence it is mandatory to initialize the device if the application requires monitoring of voltage
levels in standby mode (EN=LOW) after the first VS ramp up. Normal operation (EN=HIGH) is
not influenced. Later standby modes are also not influenced.
Once the device is initialized properly, the resistive output versus ground is always present
(figure 1) in standby mode.
M
Vcc
ADC
GH2
GL2
GH1
GL1
R
D1
R
D2
R
D3
S1
S2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com