Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3959 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 5Page - STMicroelectronics AN3959 Datasheet HTML 6Page - STMicroelectronics AN3959 Datasheet HTML 7Page - STMicroelectronics AN3959 Datasheet HTML 8Page - STMicroelectronics AN3959 Datasheet HTML 9Page - STMicroelectronics AN3959 Datasheet HTML 10Page - STMicroelectronics AN3959 Datasheet HTML 11Page - STMicroelectronics AN3959 Datasheet HTML 12Page - STMicroelectronics AN3959 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
AN3959
Functional description of the demonstration board
Doc ID 022081 Rev 3
9/65
Table 1.
Bill of material
No.
Type
Footprint
Description
Qty
Reference
Manufacturer
1
Jack
Speaker jack MP4-16
1
J9
Songchen
2
Headphone
jack
Phone jack
SONGCHEN CKX-3.5-06
3-pin
3
J2, J13, J19
Songchen
3Switch
Deviator
switch
Deviator switch
2
SW2, SW3
Any source
4
Terminal
Through-hole
2P pitch: 5mm connector
terminal
1
CN2
Phoenix
Contact
5
Header
Through-hole 4P (2x2 row) 2.54 mm header
1
J7
Any source
6
Header
Through-hole 2P (2x1 row) 2.54 mm header
14
J3, J4, J5, J6, J8, J10,
J11, J12, J14, J15, J16,
J17, CN1, J18
Any source
7
Header
Through-hole 16P (8x2 row) 2.54 mm header
1
J1
Any source
8
CCAP
CAP0603
50 Volt NPO 100 pF +/-10%
2
C24, C26
Murata
9
CCAP
CAP0603
50 Volt NPO 150 pF +/-10%
2
C17, C20
Murata
10
CCAP
CAP0603
50 Volt NPO 220 pF +/-10%
4
C18, C21, C22, C23
Murata
11
CCAP
CAP0603
50 Volt NPO 330 pF +/-10%
2
C44, C45
Murata
12
CCAP
CAP0603
50 Volt NPO 470 pF +/-10%
2
C16, C19
Murata
13
CCAP
CAP0603
50 Volt 1 nF +/-10%
5
C4, C47, C48, C49, C50
Murata
14
CCAP
CAP0603
50 Volt 3.3 nF +/-10%
2
C6, C7
Murata
15
CCAP
CAP0603
50 Volt 100 nF +/-10%
12
C1, C2, C5, C11, C13,
C27, C29, C54, C55,
C429, C427A, C427B
Murata
16
CCAP
CAP0603
50 Volt 220 nF +/-10%
4
C32, C36, C42, C43
Murata
17
CCAP
CAP0603
NS
5
C37, C38, C40, C41, C56
Murata
18
CCAP
CAP0805
10 Volt 1 µF +/-10%
5
C8, C9, C10, C30,
C31, C53
Murata
19
CCAP
CAP0805
10 Volt 2.2U +/-10%
1
C3
Murata
20
CCAP
CAP1206
50 Volt 220 nF +/-10%
2
C39, C46
Murata
21
CCAP
CAP1206
50 Volt 1U +/-10%
2
C426A, C426B
Murata
22
CCAP
CAP1206
10 Volt 10 µF +/-10%
2
C51, C52
Murata
23
CCAP
CAP1206
NS
4
C14, C33, C34, C35
Murata
24
ECAP
CAP1206
10µF/10V
1
C12
Samsung
25
ECAP
Through-hole 47µF/35V 105 Centigrade
1
C28
Rubycon/
Panasonic
26
ECAP
Through-hole 100µF/35V 105 Centigrade
2
C15, C25
Rubycon/
Panasonic
27
ECAP
Through-hole
470µF/25V, pitch = 5 mm,
φ 10 mm
1C428
Rubycon/
Panasonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com