Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3959 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3959 Datasheet HTML 1Page - STMicroelectronics AN3959 Datasheet HTML 2Page - STMicroelectronics AN3959 Datasheet HTML 3Page - STMicroelectronics AN3959 Datasheet HTML 4Page - STMicroelectronics AN3959 Datasheet HTML 5Page - STMicroelectronics AN3959 Datasheet HTML 6Page - STMicroelectronics AN3959 Datasheet HTML 7Page - STMicroelectronics AN3959 Datasheet HTML 8Page - STMicroelectronics AN3959 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
List of figures
AN3959
4/65
Doc ID 022081 Rev 3
List of figures
Figure 1.
STA381BW/STA381BWS 2.0-channel demonstration board . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
Schematic-1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
Schematic-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 4.
Top view of PCB layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 5.
Inner layer2 view of PCB layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 6.
Inner layer3 view of PCB layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 7.
Bottom view of PCB layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 8.
Block diagram of test connections with equipment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 9.
Frequency response, VCC = 18 V, RL = 8 ohm, 0 dB (Pout = 1 W) . . . . . . . . . . . . . . . . . . 16
Figure 10.
Crosstalk, VCC = 18 V, RL = 8 ohm, 0 dB (Pout = 1 W) . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 11.
SNR, VCC = 18 V, RL = 8 ohm, 0 dB (Pout = 1 W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 12.
THD vs. frequency, VCC = 18 V, RL = 8 ohm, Pout = 1 W . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 13.
FFT (0 dBFS), VCC = 18 V, RL = 8 ohm, 0 dBFS (Pout = 1 W) . . . . . . . . . . . . . . . . . . . . . 18
Figure 14.
FFT (-60 dBFS), VCC = 18 V, RL = 8 ohm, 0 dBFS (Pout = 1 W) . . . . . . . . . . . . . . . . . . . . 18
Figure 15.
THD vs. output power, VCC = 18 V, RL = 8 ohm, f = 1 kHz . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 16.
THD vs. output power at different power supplies, RL = 8 ohm, f = 1 kHz . . . . . . . . . . . . . 19
Figure 17.
Frequency response, VCC = 24 V, RL = 8 ohm, 0 dB (Pout = 1 W) . . . . . . . . . . . . . . . . . . 20
Figure 18.
Crosstalk, VCC = 24 V, RL = 8 ohm, 0 dB (Pout = 1 W) . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 19.
SNR, VCC = 24 V, RL = 8 ohm, 0 dB (Pout = 1 W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 20.
THD vs. frequency, VCC = 24 V, RL = 8 ohm, Pout = 1 W . . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 21.
FFT (0 dBFS), VCC = 24 V, RL = 8 ohm, 0 dBFS (Pout = 1 W) . . . . . . . . . . . . . . . . . . . . . 22
Figure 22.
FFT (-60 dBFS), VCC = 24 V, RL = 8 ohm, 0 dBFS (Pout = 1 W) . . . . . . . . . . . . . . . . . . . . 22
Figure 23.
THD vs. output power, VCC = 24 V, RL = 8 ohm, f = 1 kHz . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 24.
THD vs. output power at different power supplies, RL = 8 ohm, f = 1 kHz . . . . . . . . . . . . . 23
Figure 25.
Temperature test 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 26.
Temperature test 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 27.
Output filter (BTL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 28.
Differential-mode snubber circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 29.
Common-mode snubber circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 30.
Main filter . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 31.
Dumping network . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 32.
Recommended power-up and power-down sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 33.
Snubber network soldered as close as possible to the respective IC pin . . . . . . . . . . . . . . 31
Figure 34.
Electrolytic capacitor used first to separate the VCC branches . . . . . . . . . . . . . . . . . . . . . . 32
Figure 35.
Path between VCC and ground pin minimized in order to avoid inductive paths . . . . . . . . 32
Figure 36.
Large ground plane on the top side . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 37.
Large ground plane on inner layer2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 38.
Large ground plane on inner layer3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 39.
Large ground plane on bottom side . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 40.
Symmetrical paths created for output stage, for differential applications . . . . . . . . . . . . . . 35
Figure 41.
Coils separated in order to avoid crosstalk . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 42.
VCC filter for high frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 43.
Thermal layout with large ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 44.
Processing path . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 45.
2.1-channel with STCompressorTM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 46.
STCompressor - overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 47.
STCompressor - mapper . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 48.
STCompressor - compression ratio . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com