| Electronic Components Datasheet Search |
|
RM0345 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0345 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 38 page ![]() RM0345 Development connector Doc ID 024080 Rev 3 15/38 5 Development connector The JTAG signals and Nexus functionality with 12 Message Data Out (MDO) signals are available on the JP1 development connector (Nexus connector). A hardware control bit in the SPC563M64xx Nexus port controller, is used to control whether the added signals for full width trace port are routed to the MDO[4:11] signals, or the CAL_MDO[4:11] signals. This control bit is set by the cut trace J1 (default close) on the NEXUSCFG pin of the SPC563M64xx device, as on the calibration board the CAL_MDO[4:11] signals are routed to the JP1 development connector. Figure 8. JP1 development connector The option cut trace J3, J5 and J10 are listed on Figure 5. Table 5. J3, J5 and J10 option cut traces option name Function Value Note J3 CLKOUT open CLKOUT signal is disconnected to the Nexus JP1 connector close (default) CLKOUT signal is connected to the Nexus JP1 connector J5 VSTBY open VSTBY signal is disconnected to the Nexus JP1 connector close (default) VSTBY signal is connected to the Nexus JP1 connector J10 BOOTCFG1 open BOOTCFG1 signal is disconnected to the Nexus JP1 connector close (default) BOOTCFG1 signal is connected to the Nexus JP1 connector |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |