Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0345 Datasheet(PDF) 26 Page - STMicroelectronics

Part # RM0345
Description  calibration adapter board for SPC563M64xx devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0345 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button RM0345 Datasheet HTML 22Page - STMicroelectronics RM0345 Datasheet HTML 23Page - STMicroelectronics RM0345 Datasheet HTML 24Page - STMicroelectronics RM0345 Datasheet HTML 25Page - STMicroelectronics RM0345 Datasheet HTML 26Page - STMicroelectronics RM0345 Datasheet HTML 27Page - STMicroelectronics RM0345 Datasheet HTML 28Page - STMicroelectronics RM0345 Datasheet HTML 29Page - STMicroelectronics RM0345 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Calibration software compatibility and configuration
RM0345
26/38
Doc ID 024080 Rev 3
The EBI Option Registers are used to define the address mask and other attributes for the
corresponding chip select.The SCY field of the EBI_CAL_BOx register is detailed in the
Table 15.
31
V
Valid bit
The user writes this bit to indicate that the contents of
this Base Register and Option Register pair are valid.
The appropriate CS signal does not assert unless the
corresponding V-bit is set.
0b1
1: This bank is valid
0: This bank is not valid
Table 15.
EBI_CAL_BOx register setting
bit
field
Name
Description
value
0-16
AM
Address Mask
This field allows masking of any corresponding bits in the
associated Base Register.
Masking the address independently allows external
devices of different size address ranges to be used. Any
clear bit masks the corresponding address bit. Any set
bit causes the corresponding address bit to be used in
comparison with the address pins.
Address mask bits can be set or cleared in any order in
the field, allowing a resource to reside in more than one
area of the address map. This field can be read or
written at any time.
-
24-27
SCY
Cycle length in clocks
This field represents the number of wait states (external
cycles) inserted after the address phase in the single
transfer case, or in the first beat of a burst, when the
memory controller handles the external memory access.
Values range from 0 to 15 and its depends on the RAM
connected on top board.
This is the main parameter for determining the length of
the cycle. These bits are ignored when SETA=1.
The total cycle length for the first beat (including the TS
cycle) = (2+SCY) external clock cycles.
-
29-30
BSCY
Burst beats length in
clocks
This field determines the number of wait states (external
cycles) inserted in all burst beats except the first, when
the memory controller starts handling the external
memory access and thus is using SCY[0:3] to determine
the length of the first beat.
These bits are ignored when SETA=1.
The total memory access length for each beat is (1 +
BSCY) external clock cycles.
The total cycle length (including the TS cycle) = (2+SCY)
+ (#beats(h)-1) * (BSCY+1).
-
Table 14.
EBI_CAL_BRx register setting
bit
field
Name
Description
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com