Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN443 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN443
Description  SERIES OPERATION OF FAST RECTIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN443 Datasheet(HTML) 2 Page - STMicroelectronics

  AN443 Datasheet HTML 1Page - STMicroelectronics AN443 Datasheet HTML 2Page - STMicroelectronics AN443 Datasheet HTML 3Page - STMicroelectronics AN443 Datasheet HTML 4Page - STMicroelectronics AN443 Datasheet HTML 5Page - STMicroelectronics AN443 Datasheet HTML 6Page - STMicroelectronics AN443 Datasheet HTML 7Page - STMicroelectronics AN443 Datasheet HTML 8Page - STMicroelectronics AN443 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AN443 APPLICATION NOTE
2/14
Calculation of sharing resistors
The calculation of these resistances is based on the worst case situation.
The maximum imbalance in blocking voltage when n diodes are connected in series occurs when (n-1)
diodes have the maximum leakage current and one diode D1 has the lowest possible leakage current.
In this case D1 will support the highest voltage V1, and this tendency is aggravated by the assumption
that the corresponding resistor R1 is at the upper limit of its tolerance (a), while all the others are at the
lowest limit so,
R1 = R(1+a)
R2 = R3 =....Rn = R
In order to calculate the current in the string we approximate the reverse characteristic with a straight line.
We define the slope by the coefficient k according to Figure 3.
Figure 3. Reverse characteristic model of a fast rectifier.
With k = 0.8
The leakage current IRM of diodes D2 ... Dn under the blocking voltage V2 ... Vn is:
where IRM is the maximum leakage current at VRRM (maximum voltage specified for this diode) and at the
operating junction temperature.
For D1 the maximum reverse current at VRRM is:
IRM – ∆ IR
In these conditions the leakage current of diode D1 is:
I
IRM
IR
k.IRM
VR
VRRM
V
I
R
I
RM Tj
() k
V
R 1k
–
()
V
RRM
-------------------------
+
⋅
+
I
R2M
I
R3M
....I
Rn
I
RM k
V
n 1k
–
()
V
RRM
------------------------
+
==
=
I
R1
I
RM
∆I
R
–
() k
V
1 1k
–
()
V
RRM
------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com