Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN443 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN443
Description  SERIES OPERATION OF FAST RECTIFIERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN443 Datasheet(HTML) 4 Page - STMicroelectronics

  AN443 Datasheet HTML 1Page - STMicroelectronics AN443 Datasheet HTML 2Page - STMicroelectronics AN443 Datasheet HTML 3Page - STMicroelectronics AN443 Datasheet HTML 4Page - STMicroelectronics AN443 Datasheet HTML 5Page - STMicroelectronics AN443 Datasheet HTML 6Page - STMicroelectronics AN443 Datasheet HTML 7Page - STMicroelectronics AN443 Datasheet HTML 8Page - STMicroelectronics AN443 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AN443 APPLICATION NOTE
4/14
Figure 5. The variation DIR is the dispersion of IR at max operation junction temperature (DIR1)
plus the variation due to Tj (DIR2)
The junction temperature is given by the thermal resistance junction to ambient Rth (j-a) and the power
dissipation due to the conduction losses (PC) and the switching losses (PS).
PC is linked to the forward voltage (VF) and PS is linked to the reverse recovery charge (QRR).
So the variation of the junction temperature is:
where
∆VF is the dispersion of the forward voltage and QRR the dispersion of the reverse recovery charge.
For series operation, it is recommended to use pieces coming from the same lot, so the dispersion on the
parameters VF, QRR and Rth is minimized;
In most cases the evaluation of
∆Tj is difficult but, from experience, it is generally lower than 10°C.
We propose to take a safety margin and to use:
∆IR = 0.85 IRM
Simplified formula
The relation (2) is often used by using the following approximations:
k = 1: supposing the reverse current IRM constant, whatever the blocking voltage across the diode.
a = 0: Neglecting the effect of the tolerance of resistors. thus:
As for the
∆ IR the worst case is taken into account.
∆ IR = IR with IR = IR max at Tj max specified (100°C)
This formula is "pessimistic" and induces a low resistance and then a high power dissipation.
TJ
IR1
IR2
IRM
IR
TJ (øC)
IR
D2,D3,...Dn
D1
∆T
j
∆Rth PC PS
+
() Rth
∆V
F
V
F
-----------PC
∆Q
RR
Q
RR
----------------PS
+


+
=
R
nV
RRM
V
M
–
n1
–
()∆I
R
---------------------------------
<
R
nV
RRM
V
M
–
n1
–
()I
R
---------------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com