| Electronic Components Datasheet Search |
|
AN1696 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1696 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() AN1696 APPLICATION NOTE 2/11 In this application, load sharing control is entrusted to ST's L6615 [1] that features automatic master-slave cur- rent sharing control [2] [3]: the supply that delivers the highest current (sensed by means of an external resistor) acts as the master and drives a common reference (share bus) to a voltage proportional to its output current; the feedback voltage of the others paralleled power supplies (slaves) is then trimmed by an "adjustment" net- work so that they can support their amount of load current. The slave supplies work as current-controlled current sources. Moreover a paralleled supply architecture allows achieving redundancy (a system of paralleled power supplies, each delivering a current lower than its nominal capability); the failure of one of the modules can be tolerated until the capability of the remaining power supplies is enough to provide the required load current. In this way an interruptible power supply will be designed, reducing the failure rate of the output bus. In hot-swappable applications, whenever a section fails, it has to be removed and replaced without turning off the system and causing significant perturbation to both input and output system buses. At insertion, each section exhibits a certain amount of discharged capacitance between the input terminals: if no inrush current limiting protection is implemented, this will cause a large negative drop on the input bus volt- age (the analysis of this issue is beyond the purpose of this document). The same problem occurs on the output side whenever the load is already supplied by other running sections: the discharged output capacitors of the inserted section are a very low impedance that can generate a negative drop on the load bus. This could trigger the UV/OC protection or cause a false value if a logic circuit reads the power supply output voltage at its input. Figure 1. System architecture This is way an isolating element is introduced on each of the lines connecting the power output of each section with the load; often an OR-ing diode is used for this purpose but the latest trend is to use an OR-ing FET to save some points in efficiency. This, combined with the capability of ST's L6615 load share controller to perform high side sensing, allows the use of the RDS(ON) of this FET as a sensing element as well. System Description The system (fig. 2) is composed of: L O A D POWER SUPPLY #1 & CURRENT SHARING CONTROL POWER SUPPLY #2 & CURRENT SHARING CONTROL POWER SUPPLY #N & CURRENT SHARING CONTROL SHARE BUS INPUT VOLTAGE OUTPUT VOLTAGE L O A D POWER SUPPLY #1 & CURRENT SHARING CONTROL POWER SUPPLY #2 & CURRENT SHARING CONTROL POWER SUPPLY #N & CURRENT SHARING CONTROL SHARE BUS INPUT VOLTAGE OUTPUT VOLTAGE |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |