Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1696 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1696
Description  Load sharing is a technique commonly
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1696 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1696 Datasheet HTML 1Page - STMicroelectronics AN1696 Datasheet HTML 2Page - STMicroelectronics AN1696 Datasheet HTML 3Page - STMicroelectronics AN1696 Datasheet HTML 4Page - STMicroelectronics AN1696 Datasheet HTML 5Page - STMicroelectronics AN1696 Datasheet HTML 6Page - STMicroelectronics AN1696 Datasheet HTML 7Page - STMicroelectronics AN1696 Datasheet HTML 8Page - STMicroelectronics AN1696 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
AN1696 APPLICATION NOTE
Besides the standard components necessary to perform DC-DC conversion, a charge pump (D3, D4, C12, C13,
R11) has been added to provide a voltage high enough to bring the gate of the OR-ing FET (on the motherboard)
at least one threshold above VOUT (VGATE>3.3V+VGS(TH)); moreover, increasing VGS voltage allows working
with a lower RDS(ON) and reducing mosfet conduction losses.
This pump, running whenever PWM activity is present, pushes the gate of the OR-ing fet up to a voltage equal
to:
(1)
(where VF is the forward drop of the diodes) supplying a current equal to:
(2)
From the daughter board, besides input/output voltages and ground, other signals exit toward the motherboard:
– SOFT-START: the soft-start voltage is brought out and connected to a switch (that can short soft-start
to ground) allowing enable/disable of the relevant section;
– +SOUT and SGND are the sense terminals for positive and negative load terminals; they are con-
nected to the relative power traces through two small resistors to avoid that any kind of open connec-
tion (or the sense pins left open) could cause a lost of control.
2.0 MOTHERBOARD
The motherboard accommodates all the auxiliary circuitry necessary to load sharing, to manage start-up and to
enable/disable each of the three daughter boards; a LED indicates the disabled section.
Terminals are available to connect input DC voltage and load and three series of connectors allow inserting the
daughter boards.
In fig. 4 the structure of one section of the motherboard is showed: replying this structure other two times the
entire board is obtained; table 2 reports the part list.
Figure 4. Motherboard schematic
V
GAT E M AX
()
2V
IN
2V
F
=
I
CH
V
IN
C
12
f
SW
⋅⋅
=
PGND
SGND
+SOUT
SS
OUT
VCC
PGND
+ IN
-IN
R1
R14
R7
R5
Q1
C4
R15
JP1
R13
U2
1
7
6
5
8
3
4
2
U1
C1
SW 1
C2
C5
C6
R3
R11
R12
C7
R2
LED
D3
C10
+ OUT
- OUT
R10
C3
D1
D2
R4
PUMP
R8
R9
C8
C9
To other
SECTIONS
To other
SECTIONS
Common
SHARE BUS
PGND
SGND
+SOUT
SS
OUT
VCC
PGND
+ IN
-IN
R1
R14
R7
R5
Q1
C4
R15
JP1
R13
U2
1
7
6
5
8
3
4
2
U1
C1
SW 1
C2
C5
C6
R3
R11
R12
C7
R2
LED
D3
C10
+ OUT
- OUT
R10
C3
D1
D2
R4
PUMP
R8
R9
C8
C9
To other
SECTIONS
To other
SECTIONS
Common
SHARE BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com