Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2123 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2123
Description  Principles of operation and application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2123 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2123 Datasheet HTML 3Page - STMicroelectronics AN2123 Datasheet HTML 4Page - STMicroelectronics AN2123 Datasheet HTML 5Page - STMicroelectronics AN2123 Datasheet HTML 6Page - STMicroelectronics AN2123 Datasheet HTML 7Page - STMicroelectronics AN2123 Datasheet HTML 8Page - STMicroelectronics AN2123 Datasheet HTML 9Page - STMicroelectronics AN2123 Datasheet HTML 10Page - STMicroelectronics AN2123 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AN2123
Active Miller clamp
7/15
For very high-power applications, the active clamp function cannot replace the negative gate drive, due to
the effect of the parasitic inductance of the active clamp path. In these cases, the application can benefit
from the CLAMP output as an secondary gate discharge path (see Figure 11 below).
With the above schematic, when the gate voltage goes close to VL+2 V (i.e. the IGBT is already driven
off), the CLAMP pin is activated. Again, the benefit is to lower the resistance between gate and emitter
when the IGBT is in the OFF state without affecting the IGBT turn-off characteristics.
Tip:
What should one do with the CLAMP pin when not used in application?
Connect CLAMP to VL.
Figure 11. High power application: negative gate drive and secondary gate discharge path
VH
1
2
3
4
5
6
7
8
TD351
CD
IN
VREF
LVOFF
OUT
VL
CLAMP
VH
T1
T2
T3
16V
-10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com