Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2123 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2123
Description  Principles of operation and application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2123 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2123 Datasheet HTML 1Page - STMicroelectronics AN2123 Datasheet HTML 2Page - STMicroelectronics AN2123 Datasheet HTML 3Page - STMicroelectronics AN2123 Datasheet HTML 4Page - STMicroelectronics AN2123 Datasheet HTML 5Page - STMicroelectronics AN2123 Datasheet HTML 6Page - STMicroelectronics AN2123 Datasheet HTML 7Page - STMicroelectronics AN2123 Datasheet HTML 8Page - STMicroelectronics AN2123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TD351 application example
AN2123
2/15
2 TD351 application example
A TD351 application example is shown in Figure 3. In this example the device is supplied by a +16V
isolated voltage source. An optocoupler is used for input signal galvanic isolation. The IGBT is driven by
44
Ω for turn-on and 22Ω for turn-off thanks to the use of two gate resistors and one diode: sink and
source currents can therefore be tuned independently to help and solve EMI issues. Power switch drivers
are used in very noisy environment and decoupling of the supplies should be cared. In the application
example the decoupling is made by a 100nF ceramic capacitor located as close as possible to the TD351
in parallel with a bigger electrolytic capacitor.
Figure 2. IGBT modules
Figure 3. TD351 application example
VH
10K
11V
100nF
4K7
10nF
100pF
16K
470pF
16V
22
Ω
22
Ω
1
2
3
4
5
6
7
8
TD351
CD
IN
VREF
LVOFF
OUT
VL
CLAMP
VH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com