Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2242 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 5Page - STMicroelectronics AN2242 Datasheet HTML 6Page - STMicroelectronics AN2242 Datasheet HTML 7Page - STMicroelectronics AN2242 Datasheet HTML 8Page - STMicroelectronics AN2242 Datasheet HTML 9Page - STMicroelectronics AN2242 Datasheet HTML 10Page - STMicroelectronics AN2242 Datasheet HTML 11Page - STMicroelectronics AN2242 Datasheet HTML 12Page - STMicroelectronics AN2242 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AN2242
2 Circuit Description
9/31
correct operation. More precisely, in Figure 5. and Figure 6. the waveforms during normal
operation at max load and both nominal input mains voltage measured on current sense pin,
gate drive, comp and oscillator pin have been captured. It is possible to notice that the circuit
works in continuous over the entire input mains range.. Besides, the signal on pin #12 (Isen),
has a different offset and similar peak for the effect of R5 and R6. Their purpose is in fact to
compensate the over current set point variation with the input voltage, which instead has to be
almost constantover the entire input voltage mains range. Of course, the oscillator waveform
does not change in the two pictures.
In Figure 8. channel 4 shows the slope compensation signal, coming from pin #15. This pin
provides a voltage ramp during the MOSFET's ON-time, which is a repetition of the oscillator
saw tooth and is dedicated to implementing additive slope compensation on current sense.
This is needed to avoid the sub-harmonic oscillation that arises in all peak-current-mode-
controlled converters working in continuous conduction mode with a duty cycle close to or
exceeding 50%, as in this circuit. Besides, only a resistor is needed to implement slope
compensation, and since the voltage ramp is delivered during the ON-time only, the correct
operation of the control circuit is ensured even at light load. The slope compensation signal
delivered only during ON-time in fact prevents perturbations on the current sense due to the
injection of the residual part of the oscillator saw tooth that could affect the control circuit, as it
happens using the oscillator total saw tooth for slope compensation.
Figure 6.
Vin = 115 Vrms - 60Hz
Figure 7.
Vin = 220 Vrms - 50Hz
CH1: VPIN12 - ISEN
CH2: VPIN4 - OUT
CH3: VPIN16 - RCT
CH4: VPIN10 - COMP
CH1: VPIN12 - ISEN
CH2: VPIN4 - OUT
CH3: VPIN16 - RCT
CH4: VPIN10 - COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com