Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2242 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2242 Datasheet HTML 1Page - STMicroelectronics AN2242 Datasheet HTML 2Page - STMicroelectronics AN2242 Datasheet HTML 3Page - STMicroelectronics AN2242 Datasheet HTML 4Page - STMicroelectronics AN2242 Datasheet HTML 5Page - STMicroelectronics AN2242 Datasheet HTML 6Page - STMicroelectronics AN2242 Datasheet HTML 7Page - STMicroelectronics AN2242 Datasheet HTML 8Page - STMicroelectronics AN2242 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
AN2242
1 Main Characteristics
5/31
1
Main Characteristics
The main characteristics of the SMPS are listed here below:
●
INPUT VOLTAGE:
- Vin: 90 - 264 Vrms
- f: 45-66Hz
●
OUTPUT VOLTAGES:
Table 1.
Output Voltages
●
STANDBY: Below 1W with 5V at 50mA residual load
●
SHORT CIRCUIT PROTECTION: On all outputs, with auto-restart at short removal
●
PCB TYPE & SIZE: Single Side 70um (2-Oz), CEM-1, 150 x 75mm
●
SAFETY: Acc. to EN60065, creepage and clearance minimum distance 6.4mm
●
EMI: Acc. to with EN50022-Class B
Vout
IoutMAX IoutMIN
PMAX
STABILITY
NOTES
1.8V
1.73A
0.20A
3.1W
±7%
Dedicated to digital circuitry and to 1.2V local
post regulators
3.3V
0.5A
0.03A
1.65W
±5%
Dedicated to analog peripherals and 2.5V
regulators
5V
2.4A
0.3A
12W
±10%
Dedicated to HDD and 5V circuitry
12V
1.9Avg
2.9Apk
0.05A
34.8W
±8%
Dedicated to HDD, SCART, LNBP21 for satellite
STB.
Average load is 1.9A, 2.9A is dedicated to HDD
spin-up
POUT(W)=40WAVG / 51Wpk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com