Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2590 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2590
Description  20 W dimmable CFL ballast solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2590 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2590 Datasheet HTML 8Page - STMicroelectronics AN2590 Datasheet HTML 9Page - STMicroelectronics AN2590 Datasheet HTML 10Page - STMicroelectronics AN2590 Datasheet HTML 11Page - STMicroelectronics AN2590 Datasheet HTML 12Page - STMicroelectronics AN2590 Datasheet HTML 13Page - STMicroelectronics AN2590 Datasheet HTML 14Page - STMicroelectronics AN2590 Datasheet HTML 15Page - STMicroelectronics AN2590 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Test results
AN2590
12/17
Figure 15 shows the voltage and current waveform of the boost inductor L1. The glitch
could happen while L1 works in two directions at critical conduction mode.
Although the glitch was there, due to the limitation of maximum Ton, the power factor is
always higher than 0.8 in operating range. Please refer to Figure 16 below.
Figure 16.
Power factor in operating range
The different Ton to triac in the dimming control circuit provides the different power
dissipation to the lamp. The figures also show the negative resistance characteristics of the
lamp, such as when the lamp current decreases, the voltage increases accordingly.
Figure 17, shows us the voltage and current measurement at Ton equal to 9 ms. Figure 18,
shows us the voltage and current measurement at Ton equal to 5 ms. Figure 19 shows us
the voltage and current measurement at Ton equal to 3 ms.
Figure 14.
AC input voltage and current
Figure 15.
L1 voltage and current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com