Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2590 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2590
Description  20 W dimmable CFL ballast solution
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2590 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2590 Datasheet HTML 9Page - STMicroelectronics AN2590 Datasheet HTML 10Page - STMicroelectronics AN2590 Datasheet HTML 11Page - STMicroelectronics AN2590 Datasheet HTML 12Page - STMicroelectronics AN2590 Datasheet HTML 13Page - STMicroelectronics AN2590 Datasheet HTML 14Page - STMicroelectronics AN2590 Datasheet HTML 15Page - STMicroelectronics AN2590 Datasheet HTML 16Page - STMicroelectronics AN2590 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Conclusion
AN2590
14/17
5
Conclusion
A dimmable CFL solution has been discussed and analyzed. CFLs can completely replace
incandescent lamps in dimming systems. With a dimming range of 20%-100%, CFLs are
very energy efficient and have a reliable and longer lifetime. The efficiency is above 80%
which makes this solution suitable in compact applications.
5.1
References
1.
L6574D Datasheet CFL/TL ballast driver preheat and dimming
2.
AN993, the application note of electronic ballast with PFC using L6574 and L6561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com