Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM0422 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0422
Description  Constant current controller for high brightness LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0422 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0422 Datasheet HTML 5Page - STMicroelectronics UM0422 Datasheet HTML 6Page - STMicroelectronics UM0422 Datasheet HTML 7Page - STMicroelectronics UM0422 Datasheet HTML 8Page - STMicroelectronics UM0422 Datasheet HTML 9Page - STMicroelectronics UM0422 Datasheet HTML 10Page - STMicroelectronics UM0422 Datasheet HTML 11Page - STMicroelectronics UM0422 Datasheet HTML 12Page - STMicroelectronics UM0422 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
UM0422
Schematic and bill of materials
9/14
5
Schematic and bill of materials
5.1
Schematic
Figure 4.
Schematic - power section
This subcircuit is present on the evaluation board only if the LED is mounted (see the
highlighted blue box in Figure 4).
Figure 5.
Schematic - PWM oscillator
R4 10k
R3 6.8k
R2
18k
R1 18k
+
3
-
2
OUT
1
U2A
TS3702
2
R9
Pot 10k
1
3
R8 Pot 1MEG
R7 10k
R6
330
R5
1.8k
5V
0
0
5V
C1 22nF
0
+
5
-
6
OUT
7
U2B
TS3702
0
R10 220k
5V
0
VCC
C8
100nF
0
C9
100nF
0
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com