Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM0422 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0422
Description  Constant current controller for high brightness LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0422 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0422 Datasheet HTML 1Page - STMicroelectronics UM0422 Datasheet HTML 2Page - STMicroelectronics UM0422 Datasheet HTML 3Page - STMicroelectronics UM0422 Datasheet HTML 4Page - STMicroelectronics UM0422 Datasheet HTML 5Page - STMicroelectronics UM0422 Datasheet HTML 6Page - STMicroelectronics UM0422 Datasheet HTML 7Page - STMicroelectronics UM0422 Datasheet HTML 8Page - STMicroelectronics UM0422 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
UM0422
Detailed description
5/14
Figure 3.
STCS1A application diagram for 0.5 A LED current
2
Detailed description
The STCS1 is designed to supply high power LEDs under the severe conditions of
automotive and industrial applications resulting in constant brightness and extended LED
lifetime.
The STCS1 is a BiCMOS constant current controller designed to provide a precise constant
current starting from a variable input voltage source. STCS1 is well suited for applications
requiring high voltage input and it is able to withstand automotive load-dump events up to
40 V. An external shunt resistor in the ground path of the connected LEDs is used to sense
the LED current. A regulation loop holds the voltage drop at the shunt resistor on a constant
level of 100 mV ( typ.). The potential difference across the sense resistor is compared to a
fixed reference voltage and the error is both amplified and used to drive the internal power
series pass device. Selecting the sense resistance permits adjusting the output current level
up to 1.5 A with a precision of
±10%. The integrated PWM input of the STCS1 allows LED
brightness regulation by pulse width modulation. The luminosity spread arising from the
LED production process can be compensated via software by an appropriate duty cycle
applied to the PWM pin. The STCS1A version has a specific pin which allows the user to set
of the slope of the edges of the LED current during the PWM dimming mode.
The device assembled on the demonstration board is the STCS1A, so the user will be able
to test the this feature. It is possible to disable this feature by removing the CSLOPE
capacitors. An open drain pin output provides information on load disconnection.
A more detailed description of STCS1 device can be found in the STCS1 datasheet.
V
IN
4.5V to 40V
STCS1A
C
BYP
0.1µF
C
SLOPE
10nF
C
DRAIN
0.47µF
R
FB
0.2O
Load disconnection
(Open Drain output)
OFF
OFF
ON
ON
PWM
EN
GND
SLOPE
VCC
DISC
FB
DRAIN
R
IN 100Ω
BAT46ZFILM
V
IN
4.5V to 40V
STCS1A
C
BYP
0.1µF
C
SLOPE
10nF
C
DRAIN
0.47µF
R
FB
0.2O
Load disconnection
(Open Drain output)
OFF
OFF
ON
ON
PWM
EN
GND
SLOPE
VCC
DISC
FB
DRAIN
R
IN 100Ω
BAT46ZFILM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com