Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2811 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2811 Datasheet HTML 2Page - STMicroelectronics AN2811 Datasheet HTML 3Page - STMicroelectronics AN2811 Datasheet HTML 4Page - STMicroelectronics AN2811 Datasheet HTML 5Page - STMicroelectronics AN2811 Datasheet HTML 6Page - STMicroelectronics AN2811 Datasheet HTML 7Page - STMicroelectronics AN2811 Datasheet HTML 8Page - STMicroelectronics AN2811 Datasheet HTML 9Page - STMicroelectronics AN2811 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Design considerations
AN2811
6/25
Doc ID 14904 Rev 1
2
Design considerations
2.1
Selected topology
This is a 500 mA constant-current source conversion from 176 VAC ~ 264 VAC line input.
The specifications shown in Table 1 are for refrigerator lighting usage.
According to the specifications the maximum operating power is 3.5 watts. No power factor
correction circuit is required. Therefore, both buck and flyback topologies are suitable for this
application. Figure 2 shows the conventional buck converter while Figure 4 illustrates the
flyback converter. To convert high voltage to low voltage, a conventional buck converter just
requires a few components. Output current ripple is small due to Vout obtained from
inherent filter L1 and C1, thus the voltage and current stresses on these power components
are small. In order to properly drive the MOSFET (Q1), a controller and an additional
transformer are required. Additional winding with L1 to bias Q1 as well as a feedback current
to manage output in constant-current mode are needed.
Figure 2.
Conventional buck converter
Table 1.
Specifications
Parameter
Value
AC input
220 VAC ± 20%
Output current
500 mA
Output voltage
7 V max
Dimensions
30 mm x 30 mm
Isolation
Not required
Topology
Constant-current source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com