Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2811 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2811
Description  High brightness LEDs are becoming a prominent source of lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2811 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2811 Datasheet HTML 1Page - STMicroelectronics AN2811 Datasheet HTML 2Page - STMicroelectronics AN2811 Datasheet HTML 3Page - STMicroelectronics AN2811 Datasheet HTML 4Page - STMicroelectronics AN2811 Datasheet HTML 5Page - STMicroelectronics AN2811 Datasheet HTML 6Page - STMicroelectronics AN2811 Datasheet HTML 7Page - STMicroelectronics AN2811 Datasheet HTML 8Page - STMicroelectronics AN2811 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
June 2009
Doc ID 14904 Rev 1
1/25
AN2811
Application note
3.5 W non-isolated offline constant-current LED driver
based on VIPER17
Introduction
High brightness LEDs are becoming a prominent source of lighting. Compared to
conventional incandescent bulbs, high brightness LEDs (light emitting diodes) have
advantages in higher light efficacy, much longer life and faster reaction time in a smaller
profile. Since LEDs cannot sustain high voltage stress directly from an AC source, providing
a reliable constant-current source to drive LEDs becomes fundamental. This solution
provides even luminosity, reliability, the highest efficacy and the longest operating life for
LEDs.
This application note describes the non-isolated offline constant-current driver based on the
VIPER17HN (high frequency version). This solution operates with an AC line input range
from 176 V to 264 VAC and provides 500 mA constant current from a 7 VDC source. It can
illuminate two LEDs in series.
This device is an offline converter with an 800 V rugged power section, a PWM control,
twice the level of overcurrent protection, overvoltage and overload protections, hysteretic
thermal protection, soft-start and also safe auto-restart after any fault condition removal.
The embedded brownout function protects this switch mode power supply in case the main
input voltage falls below the specified minimum level for this system.
Figure 1.
STEVAL-ILL017V1 demonstration board
www.st.com


Similar Part No. - AN2811

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2810 STMICROELECTRONICS-AN2810 Datasheet
578Kb / 17P
6-row 85 mA LED driver with boost
26-May-2009
AN2813 STMICROELECTRONICS-AN2813 Datasheet
380Kb / 25P
TDE1708DFT in IO-Link applications
09-Feb-2011
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
High-efficiency step-down controller
20-Aug-2008
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
High-efficiency step-down controller
20-Aug-2008
AN2818 STMICROELECTRONICS-AN2818 Datasheet
649Kb / 24P
NiMH battery charger demonstration board through USB based on the ST7FLIT15BY0
02-Apr-2009
More results

Similar Description - AN2811

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
M2012G MICRO-ELECTRONICS-M2012G Datasheet
80Kb / 2P
HIGH BRIGHTNESS STANDARD GREEN SURFACE LIGHTING
M2012Y MICRO-ELECTRONICS-M2012Y Datasheet
79Kb / 2P
HIGH BRIGHTNESS AMBER SURFACE LIGHTING
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366 Datasheet
273Kb / 4P
HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
STMicroelectronics
AN2129 STMICROELECTRONICS-AN2129 Datasheet
362Kb / 9P
DIMMING OF SUPER HIGH BRIGHTNESS LEDS
05-Jul-2005
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366_15 Datasheet
342Kb / 4P
HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
Rohm
SML-511 ROHM-SML-511 Datasheet
68Kb / 3P
High brightness LEDs
logo
Lumileds Lighting Compa...
PB175 LUMILEDS-PB175 Datasheet
1Mb / 2P
Automotive forward lighting source
logo
Advanced Photonix, Inc.
LP-0850-011 ADVANCEDPHOTONIX-LP-0850-011 Datasheet
371Kb / 2P
The LP-0850-011 Series are point source LEDs with peak wavelength of 850nm.
logo
Quelighting Corp
QLSP07XXU-XX QUELIGHTING-QLSP07XXU-XX Datasheet
956Kb / 13P
QLSP07XXU series are R/G/B LEDs bring high performance and quality of light to wide range of lighting application.
1.2 08-07-2020
QLSP18XXAU-310 QUELIGHTING-QLSP18XXAU-310 Datasheet
1Mb / 16P
QLSP18XXAU series are high power LEDs that bring high performance and quality of light to wide range of lighting application.
1.0 06-16-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com