Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2864 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 5Page - STMicroelectronics AN2864 Datasheet HTML 6Page - STMicroelectronics AN2864 Datasheet HTML 7Page - STMicroelectronics AN2864 Datasheet HTML 8Page - STMicroelectronics AN2864 Datasheet HTML 9Page - STMicroelectronics AN2864 Datasheet HTML 10Page - STMicroelectronics AN2864 Datasheet HTML 11Page - STMicroelectronics AN2864 Datasheet HTML 12Page - STMicroelectronics AN2864 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AN2864
STEVAL-ISA058V1 board description
Doc ID 15282 Rev 1
9/29
Table 2.
Bill of material
Reference
Part
Technology
Manufacturer
Manufacturer code
BR1
DF06M
Miniature glass passivated single-phase
bridge rectifier
General
Semiconductor
DF06M
C1
100 nF
EMI suppressor capacitor MKP X2 type
EPCOS
B32922
C2
10 µF 400 V
Aluminium electrolytic capacitor
Panasonic
ECA2GHG100
C3
4.7 µF 400 V
Aluminium electrolytic capacitor
Panasonic
ECA2GHG4R7
C4
22 µF 35 V
Aluminium electrolytic capacitor
Panasonic
ECEA1VKS220
C6
1.8 nF
Ceramic capacitor
KEMET
C0805F182K5RAC
C7
22 nF
Ceramic capacitor
KEMET
C0805F223K5RAC
C8
2.2 nF
Y1 ceramic capacitor
Cera-Mite
440LD22 10PCM
C9
1000 µF 10 V
Aluminium electrolytic capacitor MCZ
series
Rubycon
C10
47 µF 25 V
Aluminium electrolytic capacitor YK
series
Rubycon
C11
15 nF
Ceramic capacitor
KEMET
C0805F103K5RAC
D1
BAT46
Small signal Schottky diode
STMicroelectronics
BAT46
D2
1N4148
High speed diode
Philips
1N4148
D3
STTH1L06
Turbo 2 ultra fast high voltage rectifier
STMicroelectronics
STTH1L06
D4
STPS5L40
Power Schottky rectifier
STMicroelectronics
STPS5L40
D5
P6KE220
Transil
STMicroelectronics
P6KE220
F1
1A FUSE
Fuse
Schurter
0034.6615
L1
4.7uH
Inductor
Panasonic
ELC08D4R7E
NTC1
16
Ω NTC
NTC
EPCOS
B57236S160M
OPTO1
PC817D
Opto-coupler
Sharp
PC817D
R3,R12
33 k
Ω 1%
Resistor
R8
120 k
Ω 1%
Resistor
R9
39 k
Ω 1%
Resistor
R10
220 k
Ω
Resistor
R13
2.2 k
Ω
Resistor
R14
130 k
Ω
Resistor
R15
15 k
Ω
Resistor
R17
3.3 k
Ω
Resistor
T1
Transformer
High frequency transformer
Pulse
PH0132NL
T2
BU9 -103R25BL
Common mode choke
Coilcraft
BU9 -103R25BL
U1
VIPER17LN
VIPER device
STMicroelectronics
VIPER17LN
VR1
TS431
Voltage reference
STMicroelectronics
TS431AIZ-AP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com