Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2864 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2864 Datasheet HTML 1Page - STMicroelectronics AN2864 Datasheet HTML 2Page - STMicroelectronics AN2864 Datasheet HTML 3Page - STMicroelectronics AN2864 Datasheet HTML 4Page - STMicroelectronics AN2864 Datasheet HTML 5Page - STMicroelectronics AN2864 Datasheet HTML 6Page - STMicroelectronics AN2864 Datasheet HTML 7Page - STMicroelectronics AN2864 Datasheet HTML 8Page - STMicroelectronics AN2864 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AN2864
Tips for reducing the standby consumption
Doc ID 15282 Rev 1
5/29
1
Tips for reducing the standby consumption
In this section, minimizing the standby power consumption in a flyback isolated converter is
analyzed, as well as how the new VIPER17L device can help to achieve this.
When light loaded or in a no load condition, most of the losses are switching losses that are
almost proportional to the switching frequency. It should be considered that even if no
external load is connected to the power supply, some power needs to be processed in order
to sustain the operation of the VIPER17L and the circuitry at the secondary side, which
senses the output voltage and closes the control loop (see Figure 2). The burst mode
operation of the VIPER17L significantly reduces the average switching frequency of the
converter, when light loaded or completely no-loaded. Basically, when the converter
switches to burst mode operation, the lower the load, the lower the average switching
frequency. So, in order to reduce the average switching frequency to as low as possible, the
control loop should be designed to minimize the required power so as to sustain the
operation of the circuitry which closes the control loop at the secondary side.
1.1
Reduction of circuitry consumption at the secondary side
control loop
Figure 2.
Circuitry consumption reduction at the secondary side control loop
Usually, in an isolated flyback converter where the output is directly sensed for control loop
input, the TL431 is used, which is a device that contains an error amplifier and a voltage
reference. For a TL431 the minimum bias current is 1 mA. In order to guarantee this bias
current in every operating condition, a 1 k
Ω resistor is connected in parallel with the photo-
diode of the opto-coupler (R15, see Figure 2). If, instead of the TL431, a device with a lower
TS431
R8
R9
R10
C11
R13
OPTO
R15
C8
VIPER17LN FB PIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com