Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2941 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 3Page - STMicroelectronics AN2941 Datasheet HTML 4Page - STMicroelectronics AN2941 Datasheet HTML 5Page - STMicroelectronics AN2941 Datasheet HTML 6Page - STMicroelectronics AN2941 Datasheet HTML 7Page - STMicroelectronics AN2941 Datasheet HTML 8Page - STMicroelectronics AN2941 Datasheet HTML 9Page - STMicroelectronics AN2941 Datasheet HTML 10Page - STMicroelectronics AN2941 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AN2941
Main characteristics and circuit description
Doc ID 15447 Rev 4
7/37
Operation of the “sensorless PFC” is explained as follows, referring to Figure 4:
a)
During the MOSFET OFF-time the voltage applied across the boost inductance is
the difference between the output and the input voltage. So D2 is reverse biased
and C2 is charged via D1 to:
where n is the winding turns ratio.
b)
During the MOSFET ON-time the voltage applied across the boost inductor is Vin
(with reversed polarity) so D1 is reverse biased and the capacitor C1 is charged via
D2 to a voltage equal to:
Hence, properly selecting the time constant of the circuit, we can use the voltage across C1
to feed the multiplier input of the L6563S because it is information about the instantaneous
value of the input voltage which is needed by the control part to shape the input current.
Figure 4.
Sensorless PFC operation theory
c)
Because C3 is in parallel to the series of C1 and C2, the voltage at which it is
charged is proportional to the PFC output voltage and can be used to get the
output voltage feedback signal:
Of course the C3 time constant has to be significantly longer than that of C1 and C2 in order
to feed a stable feedback signal into the PFC controller error amplifier.
n
V
V
V
in
out
2
−
=
n
V
V
in
1 =
n
V
n
V
n
V
V
V
out
in
in
out
3
=
+
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com