Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2941 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 5Page - STMicroelectronics AN2941 Datasheet HTML 6Page - STMicroelectronics AN2941 Datasheet HTML 7Page - STMicroelectronics AN2941 Datasheet HTML 8Page - STMicroelectronics AN2941 Datasheet HTML 9Page - STMicroelectronics AN2941 Datasheet HTML 10Page - STMicroelectronics AN2941 Datasheet HTML 11Page - STMicroelectronics AN2941 Datasheet HTML 12Page - STMicroelectronics AN2941 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
AN2941
Main characteristics and circuit description
Doc ID 15447 Rev 4
9/37
The output rectifiers are two dual center tap Schottky diodes (D7 and D5) in parallel. They
have been selected according to the maximum reverse voltage, forward voltage drop and
power dissipation. The snubber made up of R14, R66 and C8 damps the oscillation
produced by the diode capacitance and the leakage inductance. A small LC filter has been
added on the output, filtering the high frequency ripple.
D17, R75÷R78, Q10 and Q15 implement an output voltage “fast discharge” circuit,
discharging quickly the output capacitors when the converter is turned off. It has been
implemented to quickly decrease the residual output voltage after the converter is turned off
at no load.
Startup sequence
The circuit is designed so that at startup the flyback starts first, then it turns on the PFC
stage controlling the L6563S via the Vcc_PFC pin. Therefore, the flyback stage is designed
to manage at startup the full output power over the entire input voltage range because it
must guarantee the regulation of the output voltage even during load transitions when the
load is increasing but the PFC is still not yet delivering the nominal output voltage. Of course
this condition can be maintained only for a short time, typically tens of milliseconds, because
the flyback is not designed to sustain this condition from a thermal point of view. The flyback
controller L6566A pin #1 (HV) is directly connected to the bulk capacitor. At startup, an
internal high voltage current source charges C32 and C33 until the L6566A turn-on voltage
threshold is reached, then the high voltage current source is automatically switched off. As
the IC starts switching it is initially supplied by C32 and C33, then the transformer auxiliary
winding (pins 8-9) provide the voltage to power the IC. Afterwards, according to the load
level monitored by the COMP pin, the L6566A activates the L6563S powering it via the
Vcc_PFC pin.
Because the L6566A integrated HV startup circuit is turned off and therefore not dissipative
during normal operation, it contributes significantly to reducing power consumption when
the power supply operates at light load which in turn contributes significantly in meeting
worldwide standby standards currently required.
Brownout protection
Brownout protection prevents the circuit from working with abnormal mains levels. It can be
easily achieved using pin #16 (AC_OK) of the L6566A. D6, Q3, C23, R7, R12, R26, R62
and R64 implement a circuit sensing the mains voltage peak value and feed it into L6566A
pin #16. An internal comparator then enables the IC operations if the mains level is correct,
within the nominal limits. If the input voltage is below 90 Vac the startup of the circuit is
inhibited, while the turn-off voltage has been set at the voltage reached by the bulk capacitor
after the hold-up time. The internal comparator has in fact a hysteresis allowing the L6566A
turn-on and turn-off voltage to be set independently. Sensing the mains voltage before the
input rectifier is a less dissipative solution with respect to sensing the bulk voltage. In
addition it allows faster restart because there is no need to wait for the bulk capacitor to
discharge.
The L6563S has a similar protection on the RUN pin (#10) but in this schematic it is not used
because in this architecture it acts as slave, therefore the main controls are managed by the
flyback stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com