Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3172 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3172
Description  This application note describes the performance of a 90 W
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3172 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3172 Datasheet HTML 5Page - STMicroelectronics AN3172 Datasheet HTML 6Page - STMicroelectronics AN3172 Datasheet HTML 7Page - STMicroelectronics AN3172 Datasheet HTML 8Page - STMicroelectronics AN3172 Datasheet HTML 9Page - STMicroelectronics AN3172 Datasheet HTML 10Page - STMicroelectronics AN3172 Datasheet HTML 11Page - STMicroelectronics AN3172 Datasheet HTML 12Page - STMicroelectronics AN3172 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
AN3172
Main characteristics and circuit description
Doc ID 17230 Rev 1
9/31
1.8
Standby power saving
The board implements a burst-mode function allowing a significant power saving during
light-load operation.
The L6599A’s STBY pin (#5) senses the optocoupler’s collector voltage which is related to
the feedback control and is proportional to the output load. This signal is compared to an
internal reference (1.24 V); if the load decreases and the voltage on the STBY pin goes
lower than the reference, the IC enters an idle state and its quiescent current is reduced.
Once the voltage exceeds the reference by 50 mV, the controller restarts switching. Burst-
mode operation load threshold can be programmed by properly choosing the resistor
connecting the optocoupler to the RFMIN pin (R34). On this board the controller operates in
burst-mode if the load falls below ~15 W.
The L6563H implements its own burst-mode function. If the COMP voltage falls below 2.5 V,
the IC stops switching, causing an output voltage decrease, as a consequence the COMP
voltage rises again and the IC restarts switching.
In order to achieve a better load transient response, the PFC burst-mode operation is
partially forced by the resonant converter; once the L6599A stops switching due to load
drops, its PFC_STOP pin pulls down the L6563H’s PFC_OK pin, disabling PFC switching.
Thanks to this solution, the PFC is forced into idle state when the resonant stage is not
switching and rapidly wakes-up when the downstream converter restarts switching. This
solution prevents a significant drop of the bulk voltage in the case of abrupt load rising.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com