Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3172 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3172
Description  This application note describes the performance of a 90 W
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3172 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3172 Datasheet HTML 1Page - STMicroelectronics AN3172 Datasheet HTML 2Page - STMicroelectronics AN3172 Datasheet HTML 3Page - STMicroelectronics AN3172 Datasheet HTML 4Page - STMicroelectronics AN3172 Datasheet HTML 5Page - STMicroelectronics AN3172 Datasheet HTML 6Page - STMicroelectronics AN3172 Datasheet HTML 7Page - STMicroelectronics AN3172 Datasheet HTML 8Page - STMicroelectronics AN3172 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
AN3172
Main characteristics and circuit description
Doc ID 17230 Rev 1
5/31
1
Main characteristics and circuit description
The main features of the SMPS are:
●
Universal input mains range: 90
÷264 Vac - frequency 45 ÷ 65 Hz
●
Output voltage: 19 V at 4.75 A continuous operation
●
Mains harmonics: Acc. to EN61000-3-2 Class-D or JEITA-MITI Class-D
●
Standby mains consumption: <0.3 W at 230 Vac
●
Efficiency at nominal load: Better than 90 % at full load
●
EMI: According to EN55022-Class-B
●
Safety: According to EN60950
●
Dimensions: 65x151 mm, 25 mm component maximum height
●
PCB: Double side, 70 µm, FR-4, Mixed PTH/SMT
The circuit is composed of two stages; a front-end PFC using the L6563H and an LLC
resonant converter based on the L6599A.
The PFC stage works as the pre-regulator and powers the resonant stage with a constant
voltage of 400 V. The downstream converter operates only if the PFC is on and regulating its
output voltage. In this way, the resonant stage can be optimized for a narrow input voltage
range, improving the efficiency and the primary side power components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com