Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3973 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3973
Description  Electronic ballast with active PFC using
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3973 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3973 Datasheet HTML 5Page - STMicroelectronics AN3973 Datasheet HTML 6Page - STMicroelectronics AN3973 Datasheet HTML 7Page - STMicroelectronics AN3973 Datasheet HTML 8Page - STMicroelectronics AN3973 Datasheet HTML 9Page - STMicroelectronics AN3973 Datasheet HTML 10Page - STMicroelectronics AN3973 Datasheet HTML 11Page - STMicroelectronics AN3973 Datasheet HTML 12Page - STMicroelectronics AN3973 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AN3973
Power factor section
Doc ID 022164 Rev 1
9/24
voltage value (VCOMP) is determined, it is the reference (in the multiplier characteristic
graph) for the “MULT” and “CS” signal. Taking this into account, the procedure to set the
operation point of the multiplier Pin3 (MULT) is suggested. First, the maximum peak value is
selected. This value, which occurs at maximum mains voltage, should be less 3 V in case of
single mains. Therefore:
●
Minimum peak value:
●
This value is then multiplied by the minimum guaranteed
and it gives
the maximum output voltage of multiplier:
.
●
In this way the divider resistor is:
.
●
Subsequently thanks to these relationships:
.
The divider resistor R3=15 k
Ω and R1/R2=2.7 MΩ and the sense resistors R9=0.39 Ω and
R10=1
Ω have been fixed.
In particular:
–
the reference for the current sense.
–
the typical multiplier gain
–
the voltage on the Pin2
–
the voltage on the Pin3
This experimental fine tuning guarantees a high value of both PF and THD.
Pin5 (ZCD).This pin is the zero current detector circuit. In this case (PFC in transition mode)
the ZCD pin is connected, through a resistor, to the auxiliary winding of the boost inductor.
In particular, the resistance value (R6=47 k
Ω) was tuned in order to minimize the switching
power losses at turn-on. In fact, this fine tuning allows the MOSFET to switch on when the
resonant phenomenon between boost inductor and drain-source capacitance occurs on the
valley of the drain voltage. In this way, the MOSFET device turns on with lower voltage
across drain source, this implies a reduced current peak and lower switch-on losses.
 
max
INRMS
min
INRMS
MULTpkx
min
MULTpk
V
V
V
V
=
1
.
1
V
V
MULT
CS
=
Δ
Δ
min
MULTpkx
CSpk
V
*
1
.
1
V
=
max
INRMS
MULTpkx
3
2
1
3
V
*
2
V
R
R
R
R
=
+
+
MULT
COMP
CS
V
)
V
5
.
2
V
(
k
V
−
=
 
peak
min
CS
S
IL
V
R
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com