Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3973 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3973
Description  Electronic ballast with active PFC using
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3973 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3973 Datasheet HTML 1Page - STMicroelectronics AN3973 Datasheet HTML 2Page - STMicroelectronics AN3973 Datasheet HTML 3Page - STMicroelectronics AN3973 Datasheet HTML 4Page - STMicroelectronics AN3973 Datasheet HTML 5Page - STMicroelectronics AN3973 Datasheet HTML 6Page - STMicroelectronics AN3973 Datasheet HTML 7Page - STMicroelectronics AN3973 Datasheet HTML 8Page - STMicroelectronics AN3973 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AN3973
Power factor section
Doc ID 022164 Rev 1
5/24
2
Power factor section
The PFC section (boost converter) mainly consists of STD3N62K3 MOSFET SuperMESH3
technology and the L6562A power switching driver. The new SuperMESH3 technology is
obtained through the combination of fine tuning between standard SuperMESH and
MDMESH technology. This has resulted in the development of a new technology that
represents the optimization of the basic standard SuperMESH in terms of RDS(on)* area and
dynamic features. SuperMesh has integrated Zener diodes gate-to-source in order to
protect its gate-oxide from voltage spikes. The L6562A is a current-mode PFC controller
operating in transition mode. It has an improved performance compared to its predecessor,
the L6561.
Figure 2 shows the PFC section schematic plus the component values.
Figure 2.
PFC section, boost converter diagram
The power factor consists of the displacement factor related to phase angle and the
distortion factor related to wave shape. The displacement factor is the ratio between the real
power (transferred to the output) and the apparent power (RMS line voltage times RMS line
current) drawn from the main, while the distortion factor is the ratio between the
fundamental component of the current and the total current:
Equation 1
Therefore, the section is designed in order to minimize input current distortion and forces the
input current to be in phase with the input voltage.
This system operates in transition mode, the boundary between continuous and
discontinuous current mode. The control simplicity and the inductor size, due to the low
inductance value needed, are the main advantages of this conduction current mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com