Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4075 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4075
Description  STEVAL-IFP016V2 IO-Link communication master transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4075 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4075 Datasheet HTML 13Page - STMicroelectronics AN4075 Datasheet HTML 14Page - STMicroelectronics AN4075 Datasheet HTML 15Page - STMicroelectronics AN4075 Datasheet HTML 16Page - STMicroelectronics AN4075 Datasheet HTML 17Page - STMicroelectronics AN4075 Datasheet HTML 18Page - STMicroelectronics AN4075 Datasheet HTML 19Page - STMicroelectronics AN4075 Datasheet HTML 20Page - STMicroelectronics AN4075 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
AN4075
Application EMC immunity
Doc ID 022954 Rev 1
17/23
4
Application EMC immunity
This paragraphs lists the STEVAL-IFP016V2 application EMC test results. The indicated
immunity is considered as quantitative information only.
4.1
Register values
The L6360 has been initialized with the following configuration values:
●
Configuration = 0 x 60 (push-pull)
●
Control1 = 0 x F8
–C/QI pull-down enabled
–C/QO cutoff current = 500 mA
–C/QO cutoff current delay = 250 μs
–C/QO restart delay = 256 x 250 μs
–C/QI debounce time (filter) is off (0 μs)
●
Control2 = 0 x A0
–
I/Q pull-down enabled
–C/QI pull-down generator 5.5 mA
–
L+ cutoff enabled
–
L+ cutoff delay 500
μs
–
L+ restart delay 64 ms
–
I/Q debounce time (filter) is off (0
μs)
●
LED1H = 0 x 55 (highest blinking frequency)
●
LED1L = 0 x 55
●
LED2H = 0 X FF (lowest blinking frequency)
●
LED2L = 0 x 00
4.2
Burst test
4.2.1
Test conditions
●
Supply voltage: 23 VDC
●
L+ switch ON (active), C/Q in Rx mode (PP but EN C/Q low)
●
Register values - see Section 4.1
●
L+, C/Q, I/Q lines loaded by 1 k
Ω resistors vs. L-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com