Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4075 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4075
Description  STEVAL-IFP016V2 IO-Link communication master transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4075 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4075 Datasheet HTML 15Page - STMicroelectronics AN4075 Datasheet HTML 16Page - STMicroelectronics AN4075 Datasheet HTML 17Page - STMicroelectronics AN4075 Datasheet HTML 18Page - STMicroelectronics AN4075 Datasheet HTML 19Page - STMicroelectronics AN4075 Datasheet HTML 20Page - STMicroelectronics AN4075 Datasheet HTML 21Page - STMicroelectronics AN4075 Datasheet HTML 22Page - STMicroelectronics AN4075 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Application EMC immunity
AN4075
20/23
Doc ID 022954 Rev 1
4.3.3
Test setup
The test was executed on the IO-Link bus lines (L+, C/Q and I/Q vs. earth reference).
Tests were made on the output lines vs. earth - common mode (CM), as well as on output
lines vs. L- (GND) - in differential mode. The earth reference is coupled by
2 x 4.7 nF/3 kV capacitors (C1, C14) with VCC and GND. The length of the cables was
minimized. The surge pulse was coupled with a coupling network of 42
Ω/0.5 μF.
After every surge sequence, the power supply current and C/Q, I/Q current sink values were
measured and compared to their initial state and the functionality of the receiver and driver
paths (functionality of the output switches) was checked.
4.3.4
Test results
Table 6.
Application surge immunity - common mode
Surge test signal amplitude, test result at polarity (+ / -)
Applied to
500 V
1 kV
1.5 kV
2 kV
2.5 kV
L+ OFF
- / -
A(1) / A(1)
1.
The values of the L6360 internal registers did not change.
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
L+ ON
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
C/Q LS ON
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
C/Q HS ON
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
C/Q Rx mode
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
I/Q
- / -
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
A(1) / A(1)
Table 7.
Application surge immunity - differential mode
Surge test signal amplitude, test result at polarity (+ / -)
Applied to
500 V
1 kV
1.5 kV
2 kV
2.5 kV
L+ OFF
A(1) / A(1)
1.
The values of the L6360 internal registers did not change.
A(1)/ A(1)
- / -
- / -
- / -
L+ ON
A(1)/ B(2)
2.
The L6360 registers were reset, IRQ signal is activated.
B(2) / B(2)
- / -
- / -
- / -
C/Q LS ON
A(1)/ A(1)
A(1) / B(2)
- / -
- / -
- / -
C/Q HS ON
A(1)/ A(1)
A(1) / B(2)
- / -
- / -
- / -
C/Q Rx mode
A(1) / B(2)
B(2) / B(2)
- / -
- / -
- / -
I/Q
A(1)/ A(1)
A(1)/ A(1)
- / -
- / -
- / -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com