Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM1479 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1479 Datasheet HTML 18Page - STMicroelectronics UM1479 Datasheet HTML 19Page - STMicroelectronics UM1479 Datasheet HTML 20Page - STMicroelectronics UM1479 Datasheet HTML 21Page - STMicroelectronics UM1479 Datasheet HTML 22Page - STMicroelectronics UM1479 Datasheet HTML 23Page - STMicroelectronics UM1479 Datasheet HTML 24Page - STMicroelectronics UM1479 Datasheet HTML 25Page - STMicroelectronics UM1479 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
System overview
UM1479
22/28
Doc ID 022381 Rev 1
If the photo sensor output is lower than the level defined as DARK level, it is logged as NO
LIGHT in the EEPROM.
2.1.5
Switch press for tamper event simulation
The SW3 is a pushbutton switch which is used for the simulation of tamper detection.
In the case of event logger mode:
Whenever this switch is pressed, an event is logged inside the EEPROM as tamper event.
In the case of data logger mode:
At every second, the system checks for switch press. If the switch is pressed then it is
logged as tamper, or else no tamper is logged inside the EEPROM.
2.2
Hardware layout
Figure 18 and 19 below show the component layout to help the user locate different
components/sections on the board.
Figure 18.
Hardware layout: data logger top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com