Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM1479 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1479
Description  The M24LR64-R is a dual interface EEPROM which targets a wide range of applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1479 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1479 Datasheet HTML 1Page - STMicroelectronics UM1479 Datasheet HTML 2Page - STMicroelectronics UM1479 Datasheet HTML 3Page - STMicroelectronics UM1479 Datasheet HTML 4Page - STMicroelectronics UM1479 Datasheet HTML 5Page - STMicroelectronics UM1479 Datasheet HTML 6Page - STMicroelectronics UM1479 Datasheet HTML 7Page - STMicroelectronics UM1479 Datasheet HTML 8Page - STMicroelectronics UM1479 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
UM1479
Getting started
Doc ID 022381 Rev 1
5/28
1.2.2
CR95HF demo board
The CR95HF demo board is a demonstration kit for the ST CR95HF 13.56 MHz
multiprotocol contactless transceiver. The CR95HF-A demo board is powered through the
USB bus and no external power supply is required. It includes a CR95HF contactless
transceiver, a 47 x 34 mm 13.56 MHz inductive etched antenna, and its associated tuning
components.
Figure 2.
CR95HF demo board
1.2.3
Startkit-M24LR-A RFID reader
The STARTKIT-M24LR-A reader is connected to the host-computer USB port. It manages
RF ISO 15693 commands (high-level inventory and transparent commands) and M24LR64-
R-based transponders. This is a medium range RFID reader (see Figure 3).
Figure 3.
STARTKIT M24LR-A RFID reader



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com